Electronic Components Datasheet Search
  English  ▼

X  

WSP4016 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4016
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4016 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4016 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
15.5
A
ID@TC=70℃
Continuous Drain Current, VGS @ 10V
1
8.4
A
IDM
Pulsed Drain Current
2
30
A
PD@TA=
70℃
Total Power Dissipatio
n TA=70°C
2.08
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
60
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
20
℃
/W
BVDSS
RDSON
ID
40V
11.5mΩ
15.5A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applicatio
White LED boost converters
Automotive Systems
Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Thermal Data
SOP
-8 Pin Configuration
Product Summery
Page 1
www.winsok.tw
Dec.2014
WSP4016
N-Channel MOSFET
The WSP4016 is the highest performance
trench N-ch MOSFET with extreme high cell
density,which provide excellent RDSON and
gate chargens for most of the synchronous
buck converter applications .
The WSP4016 meet the RoHS and
Green Product requirement,100%
EAS guaranteed with full function
reliability approved.
Total Power Dissipation
TA=25°C
PD@TA=25℃
1.3
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
W


Similar Part No. - WSP4016

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
WSP4067 DOINGTER-WSP4067 Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
logo
Shenzhen Guan Hua Wei Y...
WSP4067B WIINSOK-WSP4067B Datasheet
1Mb / 10P
N&P-Channel MOSFET
WSP4088 WIINSOK-WSP4088 Datasheet
447Kb / 7P
N-Ch MOSFET
WSP4099 WIINSOK-WSP4099 Datasheet
856Kb / 5P
Dual P-Channel MOSFET
More results

Similar Description - WSP4016

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com