Electronic Components Datasheet Search
  English  ▼

X  

WSP4016 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4016
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4016 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4016 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
40
---
---
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=
7A
---
11.5
m
Ω
VGS=4.5V , ID=
5A
---
14.5
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.
0
1.
8
2.5
V
IDSS
Drain-Source Leakage Current
VDS=
32V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=
32V , VGS=0V , TJ=55℃
---
---
25
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=
5V , ID=15A
---
31
---
S
Qg
Total Gate Charge (4.5V)
VDS=
20V ,
VGS=
10V ,
ID=
7A
---
20
30
nC
Qgs
Gate-Source Charge
---
3.9
---
Qgd
Gate-Drain Charge
---
3
---
Td(on)
Turn-On Delay Time
VDD=
20V,VGEN=10V,
RG=
1Ω, ID=1A,
RL=20Ω.
---
12.6
ns
Tr
Rise Time
---
10
Td(off)
Turn-Off Delay Time
---
23.6
Tf
Fall Time
---
6
Ciss
Input Capacitance
VDS=
20V ,
VGS=0V ,
f=1MHz
---
1125
pF
Coss
Output Capacitance
---
132
Crss
Reverse Transfer Capacitance
---
70
Note :
1.
2.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Page 2
www.winsok.tw
Dec.2014
WSP4016
N-Channel MOSFET
8.5
11
---
---
---
---
---
---
---
Pulse test: PW <= 300us duty cycle <= 2%.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com