Electronic Components Datasheet Search
  English  ▼

X  

WSP4404 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4404
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4404 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4404 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
N-Ch MOSFET
WSP4404
Page 3
www.winsok.tw
Dec.2014
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
ID - Drain Current (A)
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
Gate Charge
0
10
20
30
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =10Vthru6V
VGS =3V
VGS =5V
VGS =4V
VDS - Drain-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
5
10
15
20
25
30
35
40
VGS =4.5 V
VGS =10V
0
2
4
6
8
10
2
0
0
68
VDS =24V
ID =8.4 A
VDS =7.5 V
VDS =15V
VGS - Gate-to-Source Voltage (V)
Transfer Characteristics
Capacitance
TJ - Junction Temperature (°C)
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
123
2
5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
0
100
200
300
400
500
600
0
5
10
15
20
25
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS =10V; ID =8.4 A
VGS =4.5 V; ID =8.4 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com