Electronic Components Datasheet Search
  English  ▼

X  

WSP4404 Datasheet(PDF) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4404
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4404 Datasheet(HTML) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4404 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
N-Ch MOSFET
WSP4404
Page 4
www.winsok.tw
Dec.2014
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
VSD - Source-to-Drain Voltage (V)
Source-Drain Diode Forward Voltage
TJ - Temperature (°C)
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
1
100
TJ = 25 °C
TJ = 150 °C
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 μA
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
Time (s)
Single Pulse Power
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
0
24
46
10
ID = 8.4 A; TJ = 25 °C
ID =2A;TJ = 25 °C
ID =2 A; TJ = 125 °C
ID = 8.4 A; TJ = 125 °C
0
5
10
15
20
25
30
10
1000
0.1
0.01
0.001
100
1
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
100 ms
Limited by RDS(on)*
BVDSS Limited
1ms
100 μs
10 ms
1s
10 s
DC
VDS - Drain-to-Source Voltage (V)
*V GS > minimum VGS at which RDS(on) is specified



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com