Electronic Components Datasheet Search
  English  ▼

X  

WSP4404 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4404
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4404 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4404 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4404 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
10a
A
ID@TC=70℃
Continuous Drain Current, VGS @ 10V
1
9.5
A
IDM
Pulsed Drain Current
2
40
A
EAS
Single Pulse Avalanche Energy
3
5.0
mJ
IAS
Avalanche Current
10
A
PD@TA=25℃
Total Power Dissipation
4
1.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
53
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
25
℃
/W
Features
Applications
Absolute Maximum Ratings
Thermal Data
N-Ch MOSFET
WSP4404
Page 1
www.winsok.tw
Dec.2014
• Notebook System Power
• Low Current DC/DC
G
D
S
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• 100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC
D
S
D
D
G
D
SO
P-8
5
6
7
8
Top View
2
3
4
1
S
S
PRODUCT SUMMARY
VDS (V)
RDS(on) (mΩ)
D (A)
I
Qg (Typ.)
30
21 at VGS = 10 V
10
3.7 nC
33 at VGS = 4.5 V
6
N-Channel 30-V (D-S) MOSFET
Notes:
a. Package Limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.


Similar Part No. - WSP4404

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP4406 WIINSOK-WSP4406 Datasheet
954Kb / 5P
N-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSP4406 DOINGTER-WSP4406 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Shenzhen Guan Hua Wei Y...
WSP4407 WIINSOK-WSP4407 Datasheet
1Mb / 5P
P-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSP4407 DOINGTER-WSP4407 Datasheet
2Mb / 7P
P-Channel MOSFET uses advanced trench technology
logo
Shenzhen Guan Hua Wei Y...
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
More results

Similar Description - WSP4404

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com