Electronic Components Datasheet Search
  English  ▼

X  

STB-3 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # STB-3
Description  100 MHz, 200 MHz bandwidth models
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STB-3 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button STB-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SDS1000X-E Series Digital Oscilloscope
WWW.SIGLENT.COM
SDS1000X-E Series Digital Oscilloscope
Serial Decoder
Number of Decoders
2
I2C Decoder
Signal
SCL, SDA
Address
7 bits, 10 bits
Threshold
-4.5 ~ 4.5 div
List
1 ~ 7 lines
SPI Decoder
Signal
SCL,MISO, MOSI, CS (2 channel scopes can only use 2 signal identifiers)
Edge Select
Rising, Falling
Bit Order
MSB, LSB
Threshold
-4.5 ~ 4.5 div
List
1 ~ 7 lines
UART Decoder
Signal
RX, TX
Data Width
5 bit,6 bit,7 bit,8 bit
Parity Check
None, Odd, Even
Stop Bit
1 bit, 1.5 bit, 2 bit
Idle Level
Low, High
Threshold
-4.5 ~ 4.5 div
List
1 ~ 7 lines
CAN Decoder
Signal
CAN_H, CAN_L
Source
CAN_H, CAN_L, CAN_H-CAN_L
Threshold
-4.5 ~ 4.5 div
List
1 ~ 7 lines
LIN Decoder
LIN Specification Package Revision
Ver1.3, Ver2.0
Threshold
-4.5 ~ 4.5 div
List
1 ~ 7 lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com