Electronic Components Datasheet Search
  English  ▼

X  

STB-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STB-3
Description  100 MHz, 200 MHz bandwidth models
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STB-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STB-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SDS1000X-E Series Digital Oscilloscope
WWW.SIGLENT.COM
Product overview
SIGLENT’s new SDS1000X-E Super Phosphor Oscilloscopes feature two
channel and four channel models. The two channel model is available with
a 200 MHz analog bandwidth, a single ADC with 1 GSa/s maximum sample
rate, and a single memory module with 14 Mpts of sample memory. The
four channel scope is available in 100 and 200 MHz models and incorporates
two 1 GSa/s ADCs and two 14 Mpts memory modules. When all channels
are enabled, each channel has sample rate of 500 MSa/s and a standard
record length of 7 Mpts. When only a single channel per ADC is active, the
maximum sample rate is 1 GSa/s and the maximum record length is 14 Mpts.
For ease-of-use, the most commonly used functions can be accessed with its
user-friendly front panel design.
The SDS1000X-E series employs a new generation of SPO (Super-
Phosphor Oscilloscope) technology that provides excellent signal fidelity
and performance. The system noise is also lower than similar products in
the industry. It comes with a minimum vertical input range of 500 uV/div,
an innovative digital trigger system with high sensitivity and low jitter, and
a waveform capture rate of 400,000 frames/sec (sequence mode). The
SDS1000X-E also employs a 256-level intensity grading display function
and a color temperature display mode not found in other models in this
class. SIGLENT’s latest oscilloscope offering supports multiple powerful
triggering modes including serial bus triggering. Serial bus decoding for IIC,
SPI, UART, CAN, LIN bus types are included. The X-E models also include
History waveform recording, and sequential triggering that enable extended
waveform recording and analysis. Another powerful addition is the new
1 million points FFT math function that gives the SDS1000X-E very high
frequency resolution when observing signal spectra. The new digital design
also includes a hardware co-processor that delivers measurements quickly
and accurately without slowing acquisition and front-panel response. The
features and performance of SIGLENT’s new SDS1000X-E cannot be matched
anywhere else in this price class.
The four channel series support even more functions, including: searching
and navigating, on-screen Bode plot, 16 digital channels (Option), an external
USB powered 25 MHz AWG module (Option), a USB WIFI adapter (Option),
and an embedded application that allows remote control via web browser.
Key Features
100 MHz, 200 MHz bandwidth models
Two channel series have one 1 GSa/s ADC, four channel series have two 1 GSa/
s ADCs. When all channels are enabled, each channel has a maximum sample
rate of 500 MSa/s. When a single channel per ADC is active, it has sample rate
of 1 GSa/s
The newest generation of SPO technology
• Waveform capture rate up to 100,000 wfm/s (normal mode), and
400,000 wfm/s (sequence mode)
• Supports 256-level intensity grading and color display modes
• Record length up to 14 Mpts
• Digital trigger system
Intelligent trigger: Edge, Slope, Pulse Width, Window, Runt, Interval, Time out
(Dropout), Pattern
Serial bus triggering and decoding (Standard), supports protocols IIC, SPI,
UART, CAN, LIN
Video trigger, supports HDTV
Low background noise with voltage scales from 500 μV/div to 10 V/div
10 types of one-button shortcuts, supports Auto Setup, Default, Cursors,
Measure, Roll, History, Display/Persist, Clear Sweep, Zoom and Print
Segmented acquisition (Sequence) mode, divides the maximum record length
into multiple segments (up to 80,000), according to trigger conditions set by
the user, with a very small dead time segment to capture the qualifying event.
History waveform record (History) function, maximum recorded waveform
length is 80,000 frames.
Automatic measurement function for 38 parameters as well as Measurement
Statistics, Zoom, Gating, Math, History and Reference functions
1 Mpts FFT, four-channel series support Peaks, Markers, a variety of numbers
Math and measurement functions use all sampled data points (up to
14 Mpts)
Math functions (FFT, addition, subtraction, multiplication,division, integration,
differential, square root)
Preset key can be customized for user settings or factory “defaults”
Security Erase mode
High Speed hardware based Pass/Fail function
MSO, 16 digital channels (four channel series only, option)
Bode plot, Measuring Power Supply Control Loop
Response (four-channel series only)
Search and navigate (four channel series only)
USB AWG module (four channel series only, option)
USB WIFI adapter (four channel series only, option)
Web Browser based control (four channel series only)
Large 7 inch TFT -LCD display with 800 * 480 resolution
Multiple interface types: USB Host, USB Device (USB-TMC), LAN, Pass / Fail,
Trigger Out
Supports SCPI remote control commands
Supports web control and virtual panel for both PC and mobile terminals
Web update rate of up-to 10times/s provides nearly real-time updating with
SDS1000X-E(four channel series only)
Supports Multi-language display and embedded online help
SDS1104X-E
SDS1204X-E
SDS1202X-E
VXI-11+SCPI, Telnet(Port 5024)+SCPI and Socket(Port 5025)+SCPI
programming over LAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com