Electronic Components Datasheet Search
  English  ▼

X  

STB-3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STB-3
Description  100 MHz, 200 MHz bandwidth models
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STB-3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STB-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers STB-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
WWW.SIGLENT.COM
SDS1000X-E Series Digital Oscilloscope
Function & Characteristics
• 7 -inch TFT -LCD display with 800 * 480 resolution
• Most commonly used functions are accessible using 10 different one-button operation keys: Auto Setup, Default, Cursor, Measure, Roll, History, Persist, Clear
Sweep, Zoom, Print
7 inch TFT-LCD display and 10 one-button menus
Model
SDS1104X-E
SDS1204X -E
SDS1202X-E
Bandwidth
100 MHz
200 MHz
Sampling Rate (Max.)
Two channel series have a single 1 GSa/s ADC, four channel series have two 1 GSa/s ADCs. When all
channels are enabled, each channel has a maximum sample rate of 500 MSa/s. When a single channel per
pair is active, that channel has sample rate of 1 GSa/s
Channels
4 (four channel series)
2+EXT (two channel series)
Memory Depth (Max.)
7 Mpts/CH (not interleave mode);
14 Mpts/CH (interleave mode)
Waveform Capture Rate (Max.)
100,000 wfm/s (normal mode), 400,000 wfm/s (sequence mode)
Trigger Type
Edge, Slope, Pulse Width, Window, Runt, Interval, Dropout, Pattern, Video
Serial Trigger and decoder (Standard)
IIC, SPI, UART, CAN, LIN
16 Digital Channels (four channel series only,
option)
Maximum waveform capture rate up to 1 GSa/s, Record length up to 14 Mpts/CH
USB AWG module (four channel series only, option)
One channel, 25 MHz, sample rate of 125 MHz, wave length of 16 kpts
Bode plot ( four channel series only)
Minimum start frequency of 10 Hz, minimum scan bandwith of 500 Hz, maximum scan bandwidth of 120
MHz (dependent on Oscilloscope and AWG bandwidth), 500 maximum scan frequency points
USB WIFI adapter (four channel series only, option)
802.11b/g/n, WPA-PSK, the adapter must be supplied by Siglent to ensure working
I/O
USB Host, USB Device, LAN, Pass/Fail, Trigger Out, Sbus (Siglent MSO)
Probe (Std)
4 pcs passive probe PP510
4/2 pcs passive probe PP215
Display
7 inch TFT -LCD (800x480)
Weight
Four channel series: Without package 2.6 kg; With package 3.8 kg
Two channel series: Without package 2.5 kg; With package 3.5 kg
Front panel of the four channel series
Front panel of the two channel series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com