Electronic Components Datasheet Search
  English  ▼

X  

IIS3DWB Datasheet(PDF) 5 Page - STMicroelectronics

Part # IIS3DWB
Description  SensorTile Wireless Industrial Node development kit and reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DWB Datasheet(HTML) 5 Page - STMicroelectronics

  IIS3DWB Datasheet HTML 1Page - STMicroelectronics IIS3DWB Datasheet HTML 2Page - STMicroelectronics IIS3DWB Datasheet HTML 3Page - STMicroelectronics IIS3DWB Datasheet HTML 4Page - STMicroelectronics IIS3DWB Datasheet HTML 5Page - STMicroelectronics IIS3DWB Datasheet HTML 6Page - STMicroelectronics IIS3DWB Datasheet HTML 7Page - STMicroelectronics IIS3DWB Datasheet HTML 8Page - STMicroelectronics IIS3DWB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 3. STEVAL-STWINKT1 schematic - connectors
10
STMOD4
SPI2_MISO_p2
3
4S1
3-4SEL
40
8
16
DSI_D1_N
20
18
21
EX_RESET
7
7
PC5/WKUP5
13
2
12
19
PG10
PB14
3-4SEL
15
EX_PWM
SYS
PG10
17
3V3_Ext
10
PG12
USART3_RTS
10
3
DSI_CLK_N
D3
PG9
18
1
PB11
16
29
VEXT
26
SPI2_MOSI
15
PA9
PB9
USART3_CTS
9
20
C60
100nF
31
STMOD2
I2C4_SCL
4
CN1
FH34SRJ-40S-0.5SH(99)
1-2SEL
13
PA0
3
PG9
DSI_D0_P
25
3
DSI_D1_P
USART3_CTS
1S1
12
STMOD2
5
30
8
U17
STG3692
19
1
I2C4_SDA
GND
VEXT
32
SPI2_MISO
SYS
STMOD2
14
1-2SEL
4S2
14
SPI2_CLK
STMOD4
7
USART1
WKUP5
TIM, DSFDMCLK
TIM
TAMP, WKUP
DSI_TE,TIM,LPUART_TX
DCDC_1
4
11
2S1
VCC
I2C4_SDA
2
33
2
EX_PWM
17
4
11
27
STMOD3
DSI_D0_N
1
STMOD3
9
PA1
SPI2_MISO_p2
35
38
2S2
6
14
I2C4_SCL
34
PC5/WKUP5
5V
24
STMod+ interface
PE9
6
SPI2_MOSI_p2
PB8
9
2
28
PG12
1
EX_RESET
36
D2
1S2
13
PB14
16
J3
CN2
PA10
6
39
VEXT
3S1
23
5
PC13
3S2
STMOD4
D1
USART3_RX
5
STMOD3
37
SPI2_MOSI_p2
EX_ADC
15
EX_ADC
SAI2
CAN, TIM, DSFDM,I2C1
TIM,DSFDMD2
TIM
ADC_IN5
ADC_IN6
EX_CN
USART3_TX
22
11
8
DSI_CLK_P
DCDC_1
12
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com