Electronic Components Datasheet Search
  English  ▼

X  

IIS3DWB Datasheet(PDF) 9 Page - STMicroelectronics

Part # IIS3DWB
Description  SensorTile Wireless Industrial Node development kit and reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DWB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button IIS3DWB Datasheet HTML 3Page - STMicroelectronics IIS3DWB Datasheet HTML 4Page - STMicroelectronics IIS3DWB Datasheet HTML 5Page - STMicroelectronics IIS3DWB Datasheet HTML 6Page - STMicroelectronics IIS3DWB Datasheet HTML 7Page - STMicroelectronics IIS3DWB Datasheet HTML 8Page - STMicroelectronics IIS3DWB Datasheet HTML 9Page - STMicroelectronics IIS3DWB Datasheet HTML 10Page - STMicroelectronics IIS3DWB Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Figure 7. STEVAL-STWINKT1 schematic - BLE, Wi-Fi, STSAFE-A110
SB18 0R
4.7k
SB8 0R
BLE_SPI_SCK
100nF
Wi-Fi Current monitoring
USART3_TX
BLE Current monitoring
2
SB20 0R
47k
BLE_RST
2
VDD_BLE
ADC IN1
DCDC_2
WIFI_RST
16
a4
BLE_SPI_MISO
SB5 0R
WIFI
SB9 NC
VDD_BLE
SB21 0R
J10
CS_WIFI
1
4.7k
BLE_SPI_MOSI
SB2 NC
SPI1_MISO
5
b3
2
18
U5 SPBTLE-1S
BLE_SWDCLK
b6
WIFI_WAKEUP
I2C3_SCL
1
DIO0/SPI_CLK
SB7 NC
1
VDD_BLE
BLE_SPI_SCK
BLE_SWDIO
4
VDD_WIFI
BLE_INT
SB13 NC
WIFI_DRDY
a6
BLE_TEST9
SPI2_MISO
DIO1/SPI_CS
BLE_SPI_MISO
BLE_RST
STRIP254P-M-5-90-SMD
USART2_TX
Default OFF
BLE
R30
Default OFF
DCDC_2
b2
BLE_SPI_CS
3
19
b5
R26
I2C3_SDA
BLE_SPI_MOSI
Default ON
USART3_CTS
DCDC_1
4
SPI1_MOSI
Male Conn
BLE_SWDIO
DIO2/SPI_MISO
a2
R27
SPI1_MOSI
15
TAMPER
SB15 NC
a5
BLE_TEST8
a1
SB4 0R
DIO3/SPI_MOSI
DIOA12
SB19 0R
BLE_SWDCLK
R31
20
RTC_TAMP1
SPI2_MOSI
SPI2_CLK
Default ON
b4
USART2_RX
M55-7001242R
b1
USART3_RX
C33
I2C3_SCL
WIFI_BOOT0
17
SB3 NC
BLE_INT
4.7k
BLE_CS
SPI1_MISO
DIO5/I2C_SDA
VDD_WIFI
BT_RESET
2
USART3_RTS
CN3
DIO4/I2C_CLK
SB16 NC
SCL
4
7
STSAFE-A110
NC#2
100nF
I2C3_SCL
2
6
VCC
5
RESET
NC#3
SO8N
8
DCDC_2
3
C53
STSAFE_RESET
U7 STSAFE-A110
1
NC#1
SDA
GND
I2C3_SDA
SPI1_CLK
a3
BLE_CS
J9
J8
I2C3_SDA
1
SB6 0R
VBLUE
5
VDD_BLE
SPI1_CLK
SB14 NC
ADC IN2
SB1 NC
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com