Electronic Components Datasheet Search
  English  ▼

X  

IIS3DWB Datasheet(PDF) 6 Page - STMicroelectronics

Part # IIS3DWB
Description  SensorTile Wireless Industrial Node development kit and reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DWB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button IIS3DWB Datasheet HTML 2Page - STMicroelectronics IIS3DWB Datasheet HTML 3Page - STMicroelectronics IIS3DWB Datasheet HTML 4Page - STMicroelectronics IIS3DWB Datasheet HTML 5Page - STMicroelectronics IIS3DWB Datasheet HTML 6Page - STMicroelectronics IIS3DWB Datasheet HTML 7Page - STMicroelectronics IIS3DWB Datasheet HTML 8Page - STMicroelectronics IIS3DWB Datasheet HTML 9Page - STMicroelectronics IIS3DWB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Figure 4. STEVAL-STWINKT1 schematic - sensors
INT2_DH
I2C2_SDA
CS
VDD
SCL/SPC
C13
100nF
INT1
3V3_Sensors
4
C14
100nF
SPI3_MISO
OCS_Aux
VDD
R4
7.5k
9
2
CS
2
SPI3_MISO
8
5
SDO_Aux
1
OCS_Aux
SCL
6
C8
100nF
6
SDA
INT2_DHC
1
INT2_ADWB
TP4
U9
ISM330DHCX
SPI3_CLK
C58
10uF
8
SCx
3
CS
VDD
VDD
INT
3V3_Sensors
7
I2C2_SCL
C31
100nF
5
4
10
4
SDO/SA0
I2C2_SCL
GND
INT1
5
U6
SDO/SA0
U2HTS221
INT2
SPI3_MOSI
9
C56
100nF
3
I2C2_SCL
3
3V3_Sensors
4
C17
100nF
I2C2_SDA
3
3V3_Sensors
8
3V3_Sensors
SPI3_MOSI
TP6
10
C40
100nF
1
C57
100nF
SDA
U3
LPS22HH
3
6
DRDY
11
I2C2_SDA
3V3_Sensors
SCx
3V3_Sensors
2
R5
7.5k
SPI3_CLK
U12
TP8
3V3_Sensors
9
CS_DH
SPI3_MOSI
CS_ADWB
SDO/SA0
J6
Sensors and digital mic current monitoring
4
SPI3_CLK
CS
INT_DRDY
6-Axis
Acc + Gyro
Pressure
SPI3_MISO
INT1_ADWB
SDO_Aux
3V3_Sensors
2
8
3V3_Sensors
1
4
TP5
SDA/SDI/SDO
C11
10uF
SCL/SPC
SDO/SA0
1
9
10
SPI3_CLK
1
U11
SPI3_MOSI
1
INT_HTS
2
2
I2C2_SMBA
SDA/I/O
I2C2_SCL
VDD
VDDIO
3V3_Sensors
VDDIO
SDA/I/O
I2C2_SDA
3V3_Sensors
7
I2C Addr: 1001000b
I2C Addr: 0011110b
I2C Addr: 1011111b
I2C Addr: 1011101b
3V3_Sensors
EV
SCL
INT_M
7
10
C19
0.22uF
C59
100nF
SPI3_MISO
3V3_Sensors
10
GND3
Therm
2
INT2
3V3_Sensors
3V3_Sensors
1
Magnetometer
Vibrometer
Humidity & Temperature
U13IIS2MDC
3V3_Sensors
VDD
NC3
3V3_Sensors
2
C37
4.7uF
C16
100nF
3
VDD
INT1_DHC
I2C2_SCL
INT_STT
CS_DHC
DCDC_1
SDx
SCL
4
GND2
I2C2_SDA
SDx
TP9
VDD_IO
GND
3V3_Sensors
11
GND2
Accelerometer
Temperature
IIS3DWB
STTS751
IIS2DH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com