Electronic Components Datasheet Search
  English  ▼

X  

5491B Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # 5491B
Description  True RMS Bench Multimeters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5491B Datasheet(HTML) 4 Page - B&K Precision Corporation

  5491B Datasheet HTML 1Page - B&K Precision Corporation 5491B Datasheet HTML 2Page - B&K Precision Corporation 5491B Datasheet HTML 3Page - B&K Precision Corporation 5491B Datasheet HTML 4Page - B&K Precision Corporation 5491B Datasheet HTML 5Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.bkprecision.com
True RMS Bench Multimeters
Models 2831E and 5491B
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
R ate
R ange
Resolu tion
Full Scale
Re ading
Accu racy(1 year)(1) 23 ° C ± 5 ° C
20~50 Hz
50~2 kH z
2~20 kHz
Slow
2.0000 mA
0.1 µA
2.1000
1.5%+0.5%
0.5%+0.3%
2%+0.55%
20.000 mA
10 µA
21.000
1.5%+0.5%
0.5%+0.3%
2%+0.38%
200.00 m A
100 µA
210.00
1.5%+0.5%
0.5%+0.3%
2%+0.5%
2.0000 A
1 mA
2.1000
2.0%+0.5%
0.5%+0.3%
----
20.000 A
10 mA
21.000 (2)
2.0%+0.5%
0.5%+0.3%
----
Slow
5.0000 mA
0.1 µA
5.1000
1.5%+0.16%
0.5%+0.08%
2.5%+0.16%
50.000 mA
10 µA
51.000
1.5%+0.16%
0.5%+0.08%
2%+0.12%
500.00 m A
100 µA
510.00
1.5%+0.16%
0.5%+0.08%
2%+0.12%
5.0000 A
1 mA
5.1000
2.0%+0.16%
0.5%+0.1%
----
20.000 A
10 mA
21.000 (2)
2.0%+0.16%
0.5%+0.1%
----
Max. crest factor: 3.0 at full scale
(1) Specifications are for sine wave inputs >5% of range.
(2) In 20 A range,>10~20 A AC is readable for 20 seconds maximum
AC Current (True RMS, AC Coupling)
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
R ate
R ang e (1)
Resol ution
Full Scale
Reading
Tes t cur rent
Accuracy
(1 year)
Sl ow
200.00
Ω
10 m
Ω
210.00
0.5 mA
0.3%+0.05% (2)
2.0000 k
Ω
100 m
Ω
2.1000
0.45 mA
0.10%+0.025% (2)
20.000 k
Ω
1
Ω
21.000
45 µA
0.10%+0.025% (2)
200.00 k
Ω
10
Ω
210.00
4.5 µA
0.10%+0.025%
2.0000 M
Ω
100
Ω
2.1000
450 nA
0.15%+0.025%
20.000 M
Ω
1 k
Ω
21.000
45 nA
0.3%+0.05%
Sl ow
500.00
Ω
10 m
Ω
510.00
0.5 mA
0.10%+0.01% (2)
5.0000 k
Ω
100 m
Ω
5.1000
0.45 mA
0.10%+0.008% (2)
50.000 k
Ω
1
Ω
51.000
45 µA
0.10%+0.008% (2)
500.00 k
Ω
10
Ω
510.00
4.5 µA
0.10%+0.008%
5.0000 M
Ω
100
Ω
5.1000
450 nA
0.15%+0.008%
50.000 M
Ω
1 k
Ω
51.000
45 nA
0.3%+0.01%
(1) In order to eliminate the noise interference, which might be induced to the test leads, it is recommended to use a shielded test cable
for measuring resistance above 100 k
Ω.
(2) Using REL function
Resistance
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
R ange
Resolu tion
Full Scale
Re ading
Test cur rent
Accu racy (1 year)
23 º C ± 5º C
200
Ω
100 m
Ω
999.9
0.5 mA
0.1%+0.3%
500
Ω
100 m
Ω
999.9
0.5 mA
0.1%+0.04%
Open circuit voltage: <5.5 VDC
Test current: around 0.5 mA DC
Continuity
Specifications (cont.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com