| Electronic Components Datasheet Search |
|
5491B Datasheet(PDF) 2 Page - B&K Precision Corporation |
|
|
|||||||||||||||||||||||||||||
5491B Datasheet(HTML) 2 Page - B&K Precision Corporation |
|
2 / 5 page ![]() 2 www.bkprecision.com True RMS Bench Multimeters Models 2831E and 5491B Versatile tools L The 2831E and 5491B are programmable via USB and RS232 (5491B only) interface using industry standard SCPI commands. Users can control and configure the instrument from a remote PC and retrieve measurement results for further analysis. The meters can also be remotely controlled using application software (download- able from the B&K website), which supports front panel emulation and data logging of measurement results. Increase Productivity with PC Connectivity The limit operation lets you set and control the values that determine a HI / IN / LO status of subsequent measurements. The meter can be configured to emit an audible alarm when readings are outside of the configured limit. Limit Operation Rear panel These meters offer a dual display allowing multiple measurements to be conveniently displayed at once. The display values could be two different measurements or one measurement expressed in different units. For example, you can simultaneously read an AC voltage and a frequency value or a DC voltage value expressed in volts and in dB. Dual Display Sheathed safety banana input jacks Front panel fuse compartment for easy fuse replacement Durable rubber bumpers for added protection and ability to stack multiple instruments Soft rubber control buttons Bright VFD display capable of displaying two measurements AC receptacle protected with 110/220V selectable line fuse Earth ground connection RS232 Interface (5491B) USB communication interface Easy operation L Application software screenshot |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |