Electronic Components Datasheet Search
  English  ▼

X  

5491B Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 5491B
Description  True RMS Bench Multimeters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5491B Datasheet(HTML) 3 Page - B&K Precision Corporation

  5491B Datasheet HTML 1Page - B&K Precision Corporation 5491B Datasheet HTML 2Page - B&K Precision Corporation 5491B Datasheet HTML 3Page - B&K Precision Corporation 5491B Datasheet HTML 4Page - B&K Precision Corporation 5491B Datasheet HTML 5Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.bkprecision.com
True RMS Bench Multimeters
Models 2831E and 5491B
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
R ate
R ange
Re solution
Full Scale
Re ading
Accu racy
(1 year)
Typical In pu t
I mpedance
Slow
200.00 mV
10 µV
210.00
0.04%+0.09% (1)
>10 M
Ω
2.0000 V
100 µV
2.1000
0.04%+0.08% (1)
>11.1 M
Ω
20.000 V
1 mV
21.000
0.04%+0.09%
>10.1 M
Ω
200.00 V
10 mV
210.00
0.04%+0.09%
10 M
Ω
1000.0 V
100 mV
1010.0 (2)
0.04%+0.08%
10 M
Ω
Slow
500.00 mV
10 µV
510.00
0.02%+0.016% (1)
>10 M
Ω
5.0000 V
100 µV
5.1000
0.02%+0.008% (1)
>11.1 M
Ω
50.000 V
1 mV
51.000
0.02%+0.008%
>10.1 M
Ω
500.00 V
10 mV
510.00
0.02%+0.008%
10 M
Ω
1000.0 V
100 mV
1010.0 (2)
0.02%+0.008%
10 M
Ω
(1) under REL status
(2) 1% over-range (1010 V) is readable at 1000 V range
DC Voltage
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
R ate
Range
Re solution
Fu ll Scale
Readi ng
Accu racy(1 year)(1) 23 ° C ± 5 ° C
20~50 Hz
50~20 kH z
20~50 kHz
50~100 kHz
S low
200.00 mV
10 µV
210.00
1.0%+0.2%)
0.5%+0.15%
1.8% + 0.25%
3.0% + 0.75%
2.0000 V
100 µV
2.1000
1.0%+0.2%)
0.4%+0.05%
1.5% + 0.1%
3.0% + 0.25%
20.000 V
1 mV
21.000
1.0%+0.2%
0.4%+0.05%
1.5% + 0.1%
3.0% + 0.25%
200.00 V
10 mV
210.00
----
0.8%+0.075%
1.5% + 0.1%
3.0% + 0.55%
750.0 V
100 mV
757.5(3)
----
0.8%+0.075%
1.5% + 0.1% (2)
3.0% + 0.55% (2)
S low
500.00 mV
10 µV
510.00
1.0%+0.08%)
0.5%+0.06%
1.5% + 0.1%
3.0% + 0.3%
5.0000 V
100 µV
5.1000
1.0%+0.08%)
0.35%+0.02%
1% + 0.04%
3.0% + 0.1%
50.000 V
1 mV
51.000
1.0%+0.08%
0.35%+0.02%
1% + 0.04%
3.0% + 0.1%
500.00 V
10 mV
510.00
----
0.5%+0.03%
1% + 0.04%
3.0% + 0.1%
750.0 V
100 mV
757.5(3)
----
0.5%+0.03%
1% + 0.04% (2)
3.0% + 0.1% (2)
Max. crest factor: 3.0 at full scale
(1) Specifications are for sine wave inputs >5% of range.
(2) Limit at 40 kHz or ≤ 3×107 Volt-Hz for 750 V range
(3) 1% over-range (757.50V) is readable at 750V range
AC Voltage
Specifications
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
R ate
R an ge
Resolu tion
Full Scale
Re ading
Accu racy
(1 ye ar)
Bu rden Voltage(1)
& Shu nt Re sistor
S low
2.0000 mA
0.1 µA
2.1000
0.08%+0.025% (2)
<0.3 V / 100
Ω
20.000 mA
1 µA
21.000
0.08%+0.02% (2)
<0.04 V / 1
Ω
200.00 mA
10 µA
210.00
0.08%+0.02%
<0.3 V / 1
Ω
2.0000 A
100 µA
2.1000
0.3%+0.025%
<0.05 V / 10 m
Ω
20.000 A
1 mA
21.000 (3)
0.3%+0.025%
<0.6 V / 10 m
Ω
S low
5.0000 mA
0.1 µA
5.1000
0.05%+0.01% (2)
<0.6 V / 100
Ω
50.000 mA
1 µA
51.000
0.05%+0.008% (2)
<0.06 V / 1
Ω
500.00 mA
10 µA
510.00
0.05%+0.008%
<0.6 V / 1
Ω
5.0000 A
100 µA
5.1000
0.25%+0.01%
<0.1 V / 10 m
Ω
20.000 A
1 mA
21.000 (3)
0.25%+0.01%
<0.6 V / 10 m
Ω
(1) Typical voltage across the input terminals at full scale reading.
(2) Use REL function
(3) In 20 A range, >10~20 ADC is readable for 20 seconds maximum
DC Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com