Electronic Components Datasheet Search
  English  ▼

X  

MM3608 Datasheet(PDF) 11 Page - Mitsumi Electronics, Corp.

Part # MM3608
Description  300mA LDO with thermal shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3608 Datasheet(HTML) 11 Page - Mitsumi Electronics, Corp.

Back Button MM3608 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 14Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 15Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
300mA LDO with thermal shutdown MM3608 Series
Characteristics (3.0V)
(Except where noted otherwise VDD=VOUT(typ.)+1V, VCE=VDD, Ta=25℃ )
Output Current Io (mA)
0.3
0.25
0.2
0.15
0.1
0.05
0
0
50
100
150
200
250
300
■ Dropout voltage
■ Input voltage - Output voltage
■ Input voltage - Input current
■ Load regulation
■ Line regulation
■ VOUT temperature coefficient
Input Voltage VDD (V)
4
3
2
1
0
RL=3kΩ
RL=30Ω
RL=100Ω
0
1
2
3
4
5
6
7
Input Voltage VDD (V)
RL=∞
140
120
100
80
60
40
20
0
0
1
2
3
4
5
6
7
Output Current Io (mA)
20
10
0
−10
−20
−30
−40
−50
−60
0
50
100
150
200
250
300
Intput Voltage VDD (V)
9
6
3
0
−3
−6
−9
3.5
4
4.5
5
5.5
6
6.5
RL=3kΩ
Temperature Ta (℃)
3.150
3.100
3.050
3.000
2.950
2.900
2.850
−50 −25
0
25
50
75
100
Io=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com