Electronic Components Datasheet Search
  English  ▼

X  

MM3608 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM3608
Description  300mA LDO with thermal shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3608 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM3608 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
300mA LDO with thermal shutdown MM3608 Series
Pin Assignment
Block Diagram
VOUT
VDD
Current
Limit
Bias
Thermal
Shutdown
Vref
GND
CE
13
5
2
4
SOT-25A
(TOP VIEW)
1
VDD
2
GND
3
CE
4
NC
5
VOUT
Pin No.
Pin name
Functions
1
VDD
Voltage supply pin
2
GND
Ground pin
3
CE
ON/OFF-Control pin
CE
Output
L
OFF
HON
Connect CE pin with VDD pin, when it is not used.
4
NC
No connection
5
VOUT
Output pin
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com