Electronic Components Datasheet Search
  English  ▼

X  

MM3608 Datasheet(PDF) 13 Page - Mitsumi Electronics, Corp.

Part # MM3608
Description  300mA LDO with thermal shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3608 Datasheet(HTML) 13 Page - Mitsumi Electronics, Corp.

Back Button MM3608 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 14Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 15Page - Mitsumi Electronics, Corp. MM3608 Datasheet HTML 16Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
300mA LDO with thermal shutdown MM3608 Series
■ Load transient response
(Cin=Cout=1µF)
IO : 50mA/div
VOUT : 20mV/div
IO=1mA⇔50mA
10μs/div
■ Turn - On transient response
CE : 5V/div
VOUT : 1V/div
lin : 500mA/div
VDD=4.0V, VCE=0V→VDD, Cin=CO=1μF, RL=3kΩ
10μs/div
IO : 200mA/div
VOUT : 200mV/div
IO=1mA⇔300mA
10μs/div
IO : 200mA/div
VOUT : 100mV/div
IO=10mA⇔300mA
10μs/div
IO : 200mA/div
VOUT : 100mV/div
IO=50mA⇔300mA
10μs/div
■ Turn - Off transient response
CE : 5V/div
VOUT : 1V/div
VDD=4.0V, VCE=VDD→0V, Cin=CO=1μF, RL=3kΩ
20μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com