Electronic Components Datasheet Search
  English  ▼

X  

ASM5I9351 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM5I9351
Description  2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9351 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM5I9351 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
July 2005
ASM5I9351
rev 0.2
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
3 of 13
Notice: The information in this document is subject to change without notice.
Pin Configuration
1
Pin #
Pin Name
I/O
Type
Description
8
PECL_CLK
I, PU
Analog
LVPECL reference clock input
.
9
PECL_CLK#
I, PU/PD
Analog
LVPECL reference clock input
. Weak pull-up to VDD/2.
30
TCLK
I, PD
LVCMOS
LVCMOS/LVTTL reference clock input
28
QA
O
LVCMOS
Clock output bank A
26
QB
O
LVCMOS
Clock output bank B
22, 24
QC(1:0)
O
LVCMOS
Clock output bank C
12, 14, 16, 18,
20
QD(4:0)
O
LVCMOS
Clock output bank D
2
FB_IN
I, PD
LVCMOS
Feedback clock input
. Connect to an output for normal
operation. This input should be at the same voltage rail as
input reference clock. See Table 1.
10
OE#
I, PD
LVCMOS
Output enable/disable input
. See Table 2.
31
PLL_EN
I, PU
LVCMOS
PLL enable/disable input
. See Table 2.
32
REF_SEL
I, PD
LVCMOS
Reference select input
. See Table 2.
3, 4, 5, 6
SEL(A:D)
I, PD
LVCMOS
Frequency select input, Bank (A:D)
. See Table 2.
27
VDDQB
Supply
VDD
2.5V or 3.3V Power supply for bank B output clock
2,3
23
VDDQC
Supply
VDD
2.5V or 3.3V Power supply for bank C output clocks
2,3
15, 19
VDDQD
Supply
VDD
2.5V or 3.3V Power supply for bank D output clocks
2,3
1
AVDD
Supply
VDD
2.5V or 3.3V Power supply for PLL
2,3
11
VDD
Supply
VDD
2.5V or 3.3V Power supply for core, inputs, and bank A
output clock
2,3
7
AVSS
Supply
Ground
Analog ground
13, 17, 21, 25,
29
VSS
Supply
Ground
Common ground
Note: 1 PU = Internal pull-up, PD = Internal pull-down.
2. A 0.1µF bypass capacitor should be placed as close as possible to each positive power pin (<0.2”). If these bypass capacitors are not close to the pins
their high frequency filtering characteristics will be cancelled by the lead inductance of the traces.
3. AVDD and VDD pins must be connected to a power supply level that is at least equal or higher than that of VDDQB, VDDQC, and VDDQD output
power supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com