Electronic Components Datasheet Search
  English  ▼

X  

ASM5I9351 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM5I9351
Description  2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9351 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM5I9351 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2005
ASM5I9351
rev 0.2
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
Features
Output frequency range: 25 MHz to 200 MHz
Input frequency range: 25 MHz to 200 MHz
2.5V or 3.3V operation
Split 2.5V/3.3V outputs
± 2.5% max Output duty cycle variation
Nine Clock outputs: Drive up to 18 clock lines
Two reference clock inputs: LVPECL or LVCMOS
150-ps max output-output skew
Phase-locked loop (PLL) bypass mode
‘SpreadTrak’
Output enable/disable
Pin-compatible with MPC9351 and CY29351.
Industrial temperature range: –40°C to +85°C
32-pin 1.0mm TQFP & LQFP Package.
Functional Description
The ASM5I9351 is a low
voltage high performance
200MHz PLL-based zero delay buffer designed for high
speed clock distribution applications.
The ASM5I9351 features LVPECL and LVCMOS reference
clock inputs and provides 9 outputs partitioned in 4 banks
of 1, 1, 2, and 5 outputs. Bank A divides the VCO output by
2 or 4 while the other banks divide by 4 or 8 per SEL(A:D)
settings, see Table.2. These dividers allow output to input
ratios of 4:1, 2:1, 1:1, 1:2, and 1:4. Each LVCMOS
compatible output can drive 50Ω series or parallel
terminated transmission lines. For series terminated
transmission lines, each output can drive one or two traces
giving the device an effective fanout of 1:18.
The PLL is ensured stable given that the VCO is configured
to run between 200 MHz to 500 MHz. This allows a wide
range of output frequencies from 25 MHz to 200 MHz. For
normal operation, the external feedback input, FB_IN, is
connected to one of the outputs. The internal VCO is
running at multiples of the input reference clock set by the
feedback divider, see the Table 1.
When PLL_EN is LOW, PLL is bypassed and the reference
clock directly feeds the output dividers. This mode is fully
static and the minimum input clock frequency specification
does not apply.


Similar Part No. - ASM5I9351

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9350-32-ET ALSC-ASM5I9350-32-ET Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9350-32-LT ALSC-ASM5I9350-32-LT Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9350G-32-ET ALSC-ASM5I9350G-32-ET Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9350G-32-LT ALSC-ASM5I9350G-32-LT Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
More results

Similar Description - ASM5I9351

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351_08 Datasheet
316Kb / 10P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
CY29352 CYPRESS-CY29352_08 Datasheet
284Kb / 9P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY29775 CYPRESS-CY29775 Datasheet
296Kb / 11P
2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351_09 Datasheet
451Kb / 10P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com