Electronic Components Datasheet Search
  English  ▼

X  

ASM5I9351 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM5I9351
Description  2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9351 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM5I9351 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9351 Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
July 2005
ASM5I9351
rev 0.2
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
6 of 13
Notice: The information in this document is subject to change without notice.
AC Electrical Specifications (VDD = 2.5V ± 5%, TA = -40°C to +85°C) 1
Parameter
Description
Condition
Min
Typ
Max
Unit
fVCO
VCO Frequency
200
-
380
MHz
÷2 Feedback
100
-
190
÷4 Feedback
50
-
95
÷8 Feedback
25
-
47.5
fin
Input Frequency
Bypass mode (PLL_EN = 0)
0
-
200
MHz
frefDC
Input Duty Cycle
25
-
75
%
VPP
Peak-Peak Input Voltage
LVPECL
500
-
1000
mV
VCMR
Common Mode Range
2
LVPECL
1.2
-
VDD– 0.6
V
tr, tf
TCLK Input Rise/FallTime
0.7V to 1.7V
-
-
1.0
nS
÷2 Output
100
-
190
÷4 Output
50
-
95
fMAX
Maximum Output Frequency
÷8 Output
25
-
47.5
MHz
fMAX < 100 MHz
47.5
-
52.5
DC
Output Duty Cycle
fMAX > 100 MHz
45
-
55
%
tr, tf
Output Rise/Fall times
0.6V to 1.8V
0.1
-
1.0
nS
TCLK to FB_IN
–100
-
100
t(φ)
Propagation Delay
(static phase offset)
PCLK to FB_IN
–100
-
100
pS
tsk(O)
Output-to-Output Skew
-
-
150
pS
tPLZ, HZ
Output Disable Time
-
-
10
nS
tPZL, ZH
Output Enable Time
-
-
10
nS
÷2 Feedback
-
2.2
-
÷4 Feedback
-
0.85
-
BW
PLL Closed Loop Bandwidth
(–3dB)
÷8 Feedback
-
0.6
-
MHz
Same frequency
-
-
150
tJIT(CC)
Cycle-to-Cycle Jitter
Multiple frequencies
-
-
250
pS
Same frequency
-
-
100
tJIT(PER)
Period Jitter
Multiple frequencies
-
-
175
pS
tJIT(φ)
I/O Phase Jitter
-
175
-
pS
tLOCK
Maximum PLL Lock Time
-
-
1
mS
Note: 1 AC characteristics apply for parallel output termination of 50Ω to VTT. Parameters are guaranteed by characterization and are not 100% tested.
2. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range and the input
swing lies within the VPP (AC) specification. Violation of VCMR or VPP impacts static phase offset t(φ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com