Electronic Components Datasheet Search
  English  ▼

X  

ASM8P1843 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM8P1843
Description  Voltage Mode PWM Controller with EMI Reduction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM8P1843 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM8P1843 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ASM8P18S42 / ASM8P18S42ER
ASM8P1843 / ASM8P18S43ER
June 2005
ASM8P18S44ER / ASM8P18S45ER
rev 0.6
Voltage Mode PWM Controller with EMI Reduction
3 of 11
Notice: The information in this document is subject to change without notice.
Application Information
Spread Spectrum Deviation
The deviation can be determined by selecting the proper
resistor at VREF to GND for the parts with ‘ER’ suffix. (Refer
“RD Resistor Vs. % Modulation Depth Plot” for resistor
selection)
PWM Frequency
The PWM frequency can be determined by selecting the
proper capacitance (CT) at the FSEL pin.
Start-up Current
ASM8P18xx allows a substantial reduction in the start up
current. Low start up current allows high resistance, lower
wattage start-up resistor, to supply controller start up
power.
Under Voltage Lockout (UVLO)
When the power supply voltage is below the start up
threshold voltage, internal circuitry puts the output into low
impedance state and sets the output to zero.
Thermal Shutdown
The output of ASM8P18xx goes down to zero when the
junction temperature of the device rises above 155°C. The
device automatically resumes operation when temperature
drops to 126°C. This protects the device from thermal
breakdown.
Overload and under current protection
ASM8P18xx provides Cycle by cycle current limit and pulls
down PWM output to low as soon as ISNS pin senses a
peak voltage of 1V, with a delay to output of 125 nS
maximum.
At no load condition when the device senses the peak
voltage level of less than 0.1V at ISNS pin for a period of
200mS, the oscillator enters in to cycle skip mode. Normal
condition is restored once ISNS increases beyond 0.1V for
more than three cycles. Details of cycle skip for different
options are provided in the Electrical Characteristics table.
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
VDD
Supply Voltage
30
V
IDD
Supply Current
TBD*
mA
IOUT
Maximum Output Current
1
A
ISNS
Current Sense Inputs and feedback
ISNS, FB, COMP
5
V
VREF
Reference Voltage
6
V
VOSC
Oscillator Voltage
4
V
VOUT
Output Voltage
30
V
Operation Junction Temperature
-45
150
°C
Storage Temperature
-65
150
°C
Lead Soldering Temperature (10 Seconds)
300
°C
Static Discharge Voltage MIL-STD-883
2
KV
*Maximum output voltage = 30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com