Electronic Components Datasheet Search
  English  ▼

X  

ASM8P1843 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM8P1843
Description  Voltage Mode PWM Controller with EMI Reduction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM8P1843 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM8P1843 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ASM8P18S42 / ASM8P18S42ER
ASM8P1843 / ASM8P18S43ER
June 2005
ASM8P18S44ER / ASM8P18S45ER
rev 0.6
Notice: The information in this document is subject to change without notice.
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 •
Voltage Mode PWM Controller with EMI Reduction
General Description
ASM8P18xx is a high performance, adjustable frequency,
PWM controller with an integrated spread spectrum
modulator for EMI reduction. It contains all the functions
of a standard PWM controller along with a user
configurable spread spectrum modulation with adjustable
spread. ASM8P18xx allows significant system cost
savings by reducing the number of PCB layers and
shielding that are traditionally required to pass EMI
regulation.
ASM8P18xx is the industry’s first general purpose EMI
reduction IC, specifically designed for use in SMPS
systems. ASM8P18xx is compatible to any other 3842
PWM controllers.
ASM8P18xx is capable of driving 1A maximum current
output and it covers a wide supply voltage range from 7V
DC to 30V DC. The PWM frequency is selectable from 40
KHz to 400 KHz.
ASM8P18xx provides under voltage lockout, thermal
shutdown, overload, and undercurrent protection. It is
available in 8-pin MicroSO, P-DIP and SOIC package.
Features
30V
maximum
operating
voltage
with
CMOS
technology
Adjustable PWM frequencies (40 KHz to 400 KHz)
Maximum Output drive current of 1A.
Wide duty cycle range (0% minimum to 95%
maximum)
Spread spectrum modulation with adjustable spread.
Under voltage lockout with hysteresis.
Low startup current: 275?A maximum
Pin compatible with industry standard 3842 PWM
controller.
Temperature range –40
°C to +85°C.
Thermal
shutdown,
overload
and
undercurrent
protection.
Frequency skip mode.
Available in 8-pin plastic MicroSO, P-DIP and SOIC
packages.
Applications
Off-line converter
DC-DC converter
Monitor power supply
Computer/DVD/STB power supply
Wireless base station power supply
Telecom power supply
Typical Operating Circuit
VDD
VDD
VIN
FSEL
GND
CT
VREF
OUT
COMP
RC
CC
R1
R2
From SMPS Output
RS
ISNS
FB
RD
R3
ASM8P18xx


Similar Part No. - ASM8P1843

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM802L ALSC-ASM802L Datasheet
323Kb / 13P
UP Power Supply Supervisor With Battery Backup Switch
logo
PulseCore Semiconductor
ASM802L PULSECORE-ASM802L Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
logo
Alliance Semiconductor ...
ASM802LAEPA ALSC-ASM802LAEPA Datasheet
323Kb / 13P
UP Power Supply Supervisor With Battery Backup Switch
ASM802LCPA ALSC-ASM802LCPA Datasheet
323Kb / 13P
UP Power Supply Supervisor With Battery Backup Switch
logo
PulseCore Semiconductor
ASM802LCPA PULSECORE-ASM802LCPA Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
More results

Similar Description - ASM8P1843

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7500B SAMSUNG-KA7500B Datasheet
97Kb / 5P
VOLTAGE-MODE PWM CONTROLLER
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
VOLTAGE MODE PWM CONTROLLER
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684_05 Datasheet
265Kb / 12P
Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
Voltage Mode PWM Controller
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com