Electronic Components Datasheet Search
  English  ▼

X  

ASM8P1843 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM8P1843
Description  Voltage Mode PWM Controller with EMI Reduction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM8P1843 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM8P1843 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ASM8P18S42 / ASM8P18S42ER
ASM8P1843 / ASM8P18S43ER
June 2005
ASM8P18S44ER / ASM8P18S45ER
rev 0.6
Voltage Mode PWM Controller with EMI Reduction
4 of 11
Notice: The information in this document is subject to change without notice.
Electrical Characteristics
Unless otherwise noted, VDD=15V, Capacitor on FSEL = 330pf, ISENS = 0.5V. Specifications are over the –40°C to +85°C ambient temperature range. Typical
values are at 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
REFERENCE SECTION
ASM8P18S42 & ASM8P1843
Output voltage
VREF
TA = +25°C, IOUT = 1mA
4.90
5.00
5.1
V
Line Regulation
N VREF
12V < VDD < 18V, IOUT = 5?A
25
mV
Total Reference variation
Line, Temperature
0.7
%
Temperature Stability
TCREF
0.5
mV/°C
Load Regulation (ASM8P1843)
ImA < Io < 20mA
25
mV
ERROR AMPLIFIER SECTION
Input Bias Current
IBIAS
-20
?A
Input Voltage
VI
Vpin1 = 1.25V
1.2
1.25
1.3
V
Open Loop Voltage Gain
AVOL
65
dB
Power Supply Rejection Ratio
PSRR
VSTART < VCC < VCC max
80
dB
Output Sink Current
IOL
VFB = 1.32V, VCOMP = 0.15V
-1.5
mA
Output Source Current
IOH
VFB = 1.18V, VCOMP = 4.17V
0.3
mA
High Output Voltage
VOH
VFB = 1.25V, RL = 15KP
4.17
V
Low Output Voltage
VOL
VFB = 1.25V
0.15
V
CURRENT SENSE SECTION
Over Current Protection
Threshold
VI(MAX)
FB = 0V (VCOMP = 5V)
0.90
1.00
1.10
V
Delay to output
TPD
VFB = 0V, ISNS = 0 to 2V
125
ns
Under Current Sense Period
TUCS
200
ms
Under Current Recovery Period
TUCSD
3
Cycles of PWM
Frequency
ASM8P18S42,
ASM8P18S42ER
1/4
ASM8P1843
ASM8P18S43ER
ASM8P18S44ER
1/10
Cycle Skip
Cycle Skip
condition:
ISENS R
0.1V
ASM8P18S45ER
No
Skip
x fS
OUTPUT SECTION
Low Output Voltage
VOL
ISINK = 50mA
ISINK = 200mA
0.128
0.470
V
High Output Voltage
VOH
ISOURCE = 50mA
ISOURCE = 200mA
At VDD
=15V
14.71
13.77
V
On Resistance, High
RDS(ON)H
ISOURCE = 0.2A
6.5
P
On Resistance, Low
RDS(ON)L
ISINK = 0.2A
2.5
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com