Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 8Page - Texas Instruments AMC3302 Datasheet HTML 9Page - Texas Instruments AMC3302 Datasheet HTML 10Page - Texas Instruments AMC3302 Datasheet HTML 11Page - Texas Instruments AMC3302 Datasheet HTML 12Page - Texas Instruments AMC3302 Datasheet HTML 13Page - Texas Instruments AMC3302 Datasheet HTML 14Page - Texas Instruments AMC3302 Datasheet HTML 15Page - Texas Instruments AMC3302 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
7.3.2 Data Isolation Channel Signal Transmission
The AMC3302 uses an on-off keying (OOK) modulation scheme to transmit the modulator output bitstream
across the capacitive SiO2-based isolation barrier. Figure 7-1 shows the block diagram of an isolation channel.
The transmitter modulates the bitstream at TX IN with an internally generated, 480-MHz carrier and sends a
burst across the isolation barrier to represent a digital one and sends a no signal to represent the digital zero.
The receiver demodulates the signal after advanced signal conditioning and produces the output. The
symmetrical design of each isolation channel improves the common-mode transient immunity (CMTI)
performance and reduces the radiated emissions caused by the high-frequency carrier.
TX IN
Oscillator
OOK
Modulation
Transmitter
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
RX OUT
SiO2-Based
Capacitive
Reinforced
Isolation
Barrier
Figure 7-1. Block Diagram of a Data Isolation Channel
Figure 7-2 shows the concept of the OOK scheme.
TX IN
Carrier Signal Across
the Isolation Barrier
RX OUT
Figure 7-2. OOK-Based Modulation Scheme
7.3.3 Analog Output
The AMC3302 offers a differential analog output comprised of the OUTP and OUTN pins. For differential input
voltages (VINP – VINN) in the range from –50 mV to 50 mV, the device provides a linear response with a nominal
gain of 8.2. For example, for a differential input voltage of 250 mV, the differential output voltage (VOUTP –
VOUTN) is 2.05 V. At zero input (INP shorted to INN), both pins output the same common-mode output voltage
VCMout, as specified in the Electrical Characteristics table in Section 6. For absolute differential input voltages
greater than 250 mV but less than 320 mV, the differential output voltage continues to increase in magnitude but
with reduced linearity performance. The outputs saturate at a differential output voltage of VCLIPout as shown in
Figure 7-3 if the differential input voltage exceeds the VClipping value.
AMC3302
SBASA11 – AUGUST 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com