Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 14Page - Texas Instruments AMC3302 Datasheet HTML 15Page - Texas Instruments AMC3302 Datasheet HTML 16Page - Texas Instruments AMC3302 Datasheet HTML 17Page - Texas Instruments AMC3302 Datasheet HTML 18Page - Texas Instruments AMC3302 Datasheet HTML 19Page - Texas Instruments AMC3302 Datasheet HTML 20Page - Texas Instruments AMC3302 Datasheet HTML 21Page - Texas Instruments AMC3302 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
10 Layout
10.1 Layout Guidelines
Figure 10-1 shows a layout recommendation with the critical placement of the decoupling capacitors. The same
component reference designators are used as in Section 9. Decoupling capacitors are placed as close as
possible to the AMC3302 supply pins. For best performance, place the shunt resistor close to the INP and INN
inputs of the AMC3302 and keep the layout of both connections symmetrical.
To avoid causing errors in the measurement by the input bias currents of the AMC3302, connect the high-side
ground pin (HGND) to the IIN-side of the shunt resistor. Use a separate trace in the layout to make this
connection to maintain equal currents in the IIN and INP traces.
10.2 Layout Example
R4
R2
AMC3302
Clearance area, to be
kept free of any
conductive materials.
To MCU I/O (optional)
GND
INP
INN
3.3-V or 5-V supply
HGND
VDD
DIAG
Top Metal
Inner or Bottom Layer Metal
Via
OUTP
OUTN
To analog filter / ADC / MCU
To analog filter / ADC / MCU
Figure 10-1. Recommended Layout of the AMC3302
AMC3302
SBASA11 – AUGUST 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com