Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 10Page - Texas Instruments AMC3302 Datasheet HTML 11Page - Texas Instruments AMC3302 Datasheet HTML 12Page - Texas Instruments AMC3302 Datasheet HTML 13Page - Texas Instruments AMC3302 Datasheet HTML 14Page - Texas Instruments AMC3302 Datasheet HTML 15Page - Texas Instruments AMC3302 Datasheet HTML 16Page - Texas Instruments AMC3302 Datasheet HTML 17Page - Texas Instruments AMC3302 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The low input voltage range, low nonlinearity, and low temperature drift make the AMC3302 a high-performance
solution for industrial applications where shunt-based current sensing with high common-mode voltage levels is
required. The integrated isolated DC/DC converter offers additional flexibility for placement of the shunt and the
AMC3302, enabling system layout optimization and smaller printed circuit board (PCB) size comparing to
solutions based on discrete components.
8.2 Typical Application
Isolated amplifiers are widely used for shunt-based current measurements in high-voltage applications that must
be isolated from a low-voltage domain. Typical applications are phase current measurements in motor and servo
drives or solar inverters, or DC current measurements at the output of a power factor correction (PFC) stage or
DC/DC converter. The AMC3302 integrates an isolated power supply for the high-voltage side and therefore is
particularly easy to use in applications that do not have a high-side supply readily available or where a high-side
supply is referenced to a different ground potential than the signal to be measured.
Figure 8-1 shows a simplified schematic using the AMC3302 to measure the phase current in the output stage of
a solar inverter. At this location in the system, there is no supply readily available for powering the isolated
amplifier. The integrated isolated power supply solves this problem and, together with its bipolar input voltage
range, makes the AMC3302 ideally suited for AC current sensing. In this example, the AC line-voltage is sensed
by the AMC3302 on the grid-side where there is also no suitable supply available for powering the isolated
amplifier. The integrated power supply, high input impedance, and bipolar input voltage range of the AMC3302
makes the device ideally suited for grid-side AC voltage sensing applications.
AMC3302
SBASA11 – AUGUST 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com