Electronic Components Datasheet Search
  English  ▼

X  

P1819 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # P1819
Description  Notebook LCD Panel EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P1819 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  P1819 Datasheet HTML 1Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 2Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 3Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 4Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 5Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 6Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 7Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 8Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
November 2005
P1819
rev 1.7
Note Book LCD Panel EMI Reduction IC
3 of 9
Notice: The information in this document is subject to change without notice.
Input Frequency and Modulation Rate
Part Number
Input Frequency Range
Output Frequency range
Modulation rate
P1819
20MHz to 40MHz
20MHz to 40MHz
Input Frequency / 512
Spread Deviation Selection
Part Number
SRS
D_C
Spread Deviation
0
-2.50% (DOWN)
P1819A
1
NA
-3.50% (DOWN)
0
-1.25% (DOWN)
P1819B
1
NA
-1.75% (DOWN)
0
±1.25% (CENTER)
P1819C
1
NA
±1.75% (CENTER)
0
±0.625% (CENTER)
P1819D
1
NA
±0.875% (CENTER)
0
-1.25% (DOWN)
P1819E
NA
1
±0.625% (CENTER)
0
-2.5% (DOWN)
P1819F
NA
1
±1.25% (CENTER)
0
-1.75% (DOWN)
P1819G
NA
1
±0.875% (CENTER)
0
-3.5% (DOWN)
P1819H
NA
1
±1.75% (CENTER)
P1819Q
NA
NA
-2.5% (DOWN)
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com