Electronic Components Datasheet Search
  English  ▼

X  

P1819 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # P1819
Description  Notebook LCD Panel EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P1819 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  P1819 Datasheet HTML 1Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 2Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 3Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 4Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 5Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 6Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 7Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 8Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
November 2005
P1819
rev 1.7
Note Book LCD Panel EMI Reduction IC
7 of 9
Notice: The information in this document is subject to change without notice.
Ordering Codes
Part Number
Marking
Input
Frequency
(MHz)
Frequency
Deviation
(%)
Package Type
Qty /
reel
Pb
Free
Temperature
P1819A-08ST
P1819A
20-40
-2.5,-3.5
8-pin SOIC, tube
0°C to 70°C
P1819A-08SR
P1819A
20-40
-2.5,-3.5
8-pin SOIC, tape &
reel
2500
0°C to 70°C
P1819A-08TT
P1819A
20-40
-2.5,-3.5
8-pin TSSOP, tube
0°C to 70°C
P1819A-08TR
P1819A
20-40
-2.5,-3.5
8-pin TSSOP, tape
and reel
2500
0°C to 70°C
P1819AF-08ST
P1819AF
20-40
-2.5,-3.5
8-pin SOIC, tube
Pb Free
0°C to 70°C
P1819AF-08SR
P1819AF
20-40
-2.5,-3.5
8-pin SOIC, tape &
reel
2500
Pb Free
0°C to 70°C
P1819AF-08TT
P1819AF
20-40
-2.5,-3.5
8-pin TSSOP, tube
Pb Free
0°C to 70°C
P1819AF-08TR
P1819AF
20-40
-2.5,-3.5
8-pin TSSOP, tape
and reel
2500
Pb Free
0°C to 70°C
P1819AG-08ST
P1819AG
20-40
-2.5,-3.5
8-pin SOIC, tube
Green
0°C to 70°C
P1819AG-08SR
P1819AG
20-40
-2.5,-3.5
8-pin SOIC, tape &
reel
2500
Green
0°C to 70°C
P1819AG-08TT
P1819AG
20-40
-2.5,-3.5
8-pin TSSOP, tube
Green
0°C to 70°C
P1819AG-08TR
P1819AG
20-40
-2.5,-3.5
8-pin TSSOP, tape
and reel
2500
Green
0°C to 70°C
P1819B-08ST
P1819B
20-40
-1.25, -1.75
8-pin SOIC, tube
0°C to 70°C
P1819B-08SR
P1819B
20-40
-1.25, -1.75
8-pin SOIC, tape &
reel
2500
0°C to 70°C
P1819B-08TT
P1819B
20-40
-1.25, -1.75
8-pin TSSOP, tube
0°C to 70°C
P1819B-08TR
P1819B
20-40
-1.25, -1.75
8-pin TSSOP, tape
and reel
2500
0°C to 70°C
P1819BF-08ST
P1819BF
20-40
-1.25, -1.75
8-pin SOIC, tube
Pb Free
0°C to 70°C
P1819BF-08SR
P1819BF
20-40
-1.25, -1.75
8-pin SOIC, tape &
reel
2500
Pb Free
0°C to 70°C
P1819BF-08TT
P1819BF
20-40
-1.25, -1.75
8-pin TSSOP, tube
Pb Free
0°C to 70°C
P1819BF-08TR
P1819BF
20-40
-1.25, -1.75
8-pin TSSOP, tape
and reel
2500
Pb Free
0°C to 70°C
P1819BG-08ST
P1819BG
20-40
-1.25, -1.75
8-pin SOIC, tube
Green
0°C to 70°C
P1819BG-08SR
P1819BG
20-40
-1.25, -1.75
8-pin SOIC, tape &
reel
2500
Green
0°C to 70°C
P1819BG-08TT
P1819BG
20-40
-1.25, -1.75
8-pin TSSOP, tube
Green
0°C to 70°C
P1819BG-08TR
P1819BG
20-40
-1.25, -1.75
8-pin TSSOP, tape
and reel
2500
Green
0°C to 70°C
Products are available for industrial temperature range operation. Please contact factory for more information.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com