Electronic Components Datasheet Search
  English  ▼

X  

P1819 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # P1819
Description  Notebook LCD Panel EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P1819 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  P1819 Datasheet HTML 1Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 2Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 3Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 4Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 5Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 6Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 7Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 8Page - Alliance Semiconductor Corporation P1819 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
November 2005
P1819
rev 1.7
Note Book LCD Panel EMI Reduction IC
4 of 9
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low voltage
VSS – 0.3
-
0.8
V
VIH
Input High voltage
2.0
-
VDD + 0.3
V
IIL
Input Low current (inputs D_C, PD#, SRS)
-60.0
-
-20.0
µA
IIH
Input High current
-
-
1.0
µA
IXOL
XOUT Output low current @ 0.4V, VDD = 3.3V
2.0
-
12.0
mA
IXOH
XOUT Output high current @ 2.5V, VDD = 3.3V
-
-
12.0
mA
VOL
Output Low voltage VDD = 3.3V, IOL = 20mA
-
-
0.4
V
VOH
Output High voltage VDD = 3.3V, IOH = 20mA
2.5
-
-
V
ICC
Dynamic supply current normal mode
3.3V and 25pF probe loading
7.1
fIN - min
-
26.9
fIN - max
mA
IDD
Static supply current standby mode
-
4.5
-
mA
VDD
Operating Voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock Output impedance
-
50
-
Ω
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input Frequency
20
-
40
MHz
fOUT
Output Frequency
20
-
40
MHz
tLH*
Output Rise time
Measured from 0.8V to 2.0V
-
0.66
-
nS
tHL*
Output Fall time
Measured from 2.0V to 0.8V
-
0.65
-
nS
tJC
Jitter (cycle to cycle)
-200
-
200
pS
tD
Output Duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com