Electronic Components Datasheet Search
  English  ▼

X  

MPX5010DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPX5010DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX5010DP Datasheet(HTML) 3 Page - NXP Semiconductors

  MPX5010DP Datasheet HTML 1Page - NXP Semiconductors MPX5010DP Datasheet HTML 2Page - NXP Semiconductors MPX5010DP Datasheet HTML 3Page - NXP Semiconductors MPX5010DP Datasheet HTML 4Page - NXP Semiconductors MPX5010DP Datasheet HTML 5Page - NXP Semiconductors MPX5010DP Datasheet HTML 6Page - NXP Semiconductors MPX5010DP Datasheet HTML 7Page - NXP Semiconductors MPX5010DP Datasheet HTML 8Page - NXP Semiconductors MPX5010DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MPX5010
Sensors
Freescale Semiconductor, Inc.
3
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 5.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2. Decoupling circuit shown in
Figure 3 required to meet specification.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
0—
10
1019.78
kPa
mm H2O
Supply Voltage(1)
1. Device is ratiometric within this specified excitation range.
VS
4.75
5.0
5.25
Vdc
Supply Current
Io
—5.0
10
mAdc
Minimum Pressure Offset(2)
(0 to 85
C)
@ VS = 5.0 Volts
2. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
0
0.2
0.425
Vdc
Full Scale Output(3)
(0 to 85
C)
@ VS = 5.0 Volts
3. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
VFSO
4.475
4.7
4.925
Vdc
Full Scale Span(4)
(0 to 85
C)
@ VS = 5.0 Volts
4. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
4.275
4.5
4.725
Vdc
Accuracy(5)
(0 to 85
C)
5. Accuracy (error budget) consists of the following:
Linearity: Output deviation from a straight line relationship with pressure over the specified pressure range.
Temperature Hysteresis:Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and
from the minimum or maximum operating temperature points, with zero differential pressure applied.
Pressure Hysteresis:Output deviation at any pressure within the specified range, when this pressure is cycled to and from the minimum or
maximum rated pressure, at 25°C.
TcSpan: Output deviation over the temperature range of 0° to 85°C, relative to 25°C.
TcOffset:Output deviation with minimum rated pressure applied, over the temperature range of 0° to 85°C, relative to 25°C.
Variation from Nominal:The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS, at 25°C.
——
—
5.0
%VFSS
Sensitivity
V/P
—
450
4.413
—mV/mm
mV/mm H2O
Response Time(6)
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—1.0—
ms
Output Source Current at Full Scale Output
IO+
—0.1—
mAdc
Warm-Up Time(7)
7. Warm-up Time is defined as the time required for the product to meet the specified output voltage after the Pressure has been stabilized.
——
20
—
ms
Offset Stability(8)
8. Offset Stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
——
0.5
—
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com