Electronic Components Datasheet Search
  English  ▼

X  

MPX5010DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPX5010DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX5010DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPX5010DP Datasheet HTML 2Page - NXP Semiconductors MPX5010DP Datasheet HTML 3Page - NXP Semiconductors MPX5010DP Datasheet HTML 4Page - NXP Semiconductors MPX5010DP Datasheet HTML 5Page - NXP Semiconductors MPX5010DP Datasheet HTML 6Page - NXP Semiconductors MPX5010DP Datasheet HTML 7Page - NXP Semiconductors MPX5010DP Datasheet HTML 8Page - NXP Semiconductors MPX5010DP Datasheet HTML 9Page - NXP Semiconductors MPX5010DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MPX5010
Sensors
6
Freescale Semiconductor, Inc.
Pressure
Nominal Transfer Value: Vout = VS x (0.09 x P + 0.04)
± (Pressure Error x Temp. Factor x 0.09 x VS)
VS = 5.0 V  0.25 Vdc
Transfer Function
Temp
Multiplier
–40
3
0 to 85
1
+125
3
Temperature in
C
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0
 to –40C and from 85 to 125C.
Temperature Error Band
Pressure
Error (Max)
Pressure Error Band
0 to 10 (kPa)
±0.5 (kPa)
Pressure (kPa)
0.5
0.4
0.2
–0.3
–0.4
–0.5
0
12
3
45
6
7
89
0
0.3
0.1
–0.2
–0.1
10
Pressure
Error
(kPa)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com