Electronic Components Datasheet Search
  English  ▼

X  

MPX5010DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPX5010DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX5010DP Datasheet(HTML) 5 Page - NXP Semiconductors

  MPX5010DP Datasheet HTML 1Page - NXP Semiconductors MPX5010DP Datasheet HTML 2Page - NXP Semiconductors MPX5010DP Datasheet HTML 3Page - NXP Semiconductors MPX5010DP Datasheet HTML 4Page - NXP Semiconductors MPX5010DP Datasheet HTML 5Page - NXP Semiconductors MPX5010DP Datasheet HTML 6Page - NXP Semiconductors MPX5010DP Datasheet HTML 7Page - NXP Semiconductors MPX5010DP Datasheet HTML 8Page - NXP Semiconductors MPX5010DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MPX5010
Sensors
Freescale Semiconductor, Inc.
5
Pressure
ON-CHIP TEMPERATURE COMPENSATION AND CALIBRATION
The performance over temperature is achieved by
integrating the shear-stress strain gauge, temperature
compensation, calibration and signal conditioning circuitry
onto a single monolithic chip.
Figure 3 illustrates the Differential or Gauge configuration
in the basic chip carrier (Case 482). A fluorosilicone gel
isolates the die surface and wire bonds from the environment,
while allowing the pressure signal to be transmitted to the
sensor diaphragm.
The MPxx5010G series pressure sensor operating
characteristics, and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media,
other than dry air, may have adverse effects on sensor
performance and long-term reliability. Contact the factory for
information regarding media compatibility in your application.
Figure 4 shows the recommended decoupling circuit for
interfacing the integrated sensor to the A/D input of a
microprocessor or microcontroller. Proper decoupling of the
power supply is recommended.
Figure 5 shows the sensor output signal relative to
pressure input. Typical, minimum, and maximum output
curves are shown for operation over a temperature range of
0
 to 85C using the decoupling circuit shown in Figure 4. The
output will saturate outside of the specified pressure range.
Figure 2. Cross-Sectional Diagram SOP
(not to scale)
Figure 3. Recommended Power Supply Decoupling
and Output Filtering
(For additional output filtering, please refer to
Application Note AN1646.)
Figure 4. Output vs. Pressure Differential
Fluoro Silicone
Gel Die Coat
Wire Bond
Die
P1
Stainless
Steel Cap
Thermoplastic
Case
Die Bond
Differential Sensing
Element
P2
+5 V
1.0
F
0.01
F
470 pF
GND
Vs
Vout
IPS
OUTPUT
Lead
Frame
Differential Pressure (kPa)
5.0
4.0
3.0
2.0
0
4.0
10
2.0
Transfer Function (kPa):
Vout = VS (0.09 P + 0.04) ± 5.0% VFSS
VS = 5.0 Vdc
TEMP = 0 to 85
C
MIN
TYPICAL
08.0
6.0
1.0
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com