Electronic Components Datasheet Search
  English  ▼

X  

OP07C Datasheet(PDF) 7 Page - Texas Instruments

Part # OP07C
Description  OP07x Precision Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07C Datasheet(HTML) 7 Page - Texas Instruments

Back Button OP07C_V01 Datasheet HTML 3Page - Texas Instruments OP07C_V01 Datasheet HTML 4Page - Texas Instruments OP07C_V01 Datasheet HTML 5Page - Texas Instruments OP07C_V01 Datasheet HTML 6Page - Texas Instruments OP07C_V01 Datasheet HTML 7Page - Texas Instruments OP07C_V01 Datasheet HTML 8Page - Texas Instruments OP07C_V01 Datasheet HTML 9Page - Texas Instruments OP07C_V01 Datasheet HTML 10Page - Texas Instruments OP07C_V01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IN –
IN+
VCC+
VCC –
OUT
OFFSET N1
OFFSET N2
Transistors
22
Resistors
11
Diode
1
Capacitor
1
Component Count
OP07C, OP07D
www.ti.com
SLOS099G – OCTOBER 1983 – REVISED NOVEMBER 2014
9 Detailed Description
9.1 Overview
These devices offer low offset and long-term stability by means of a low-noise, chopperless, bipolar-input-
transistor amplifier circuit. For most applications, external components are not required for offset nulling and
frequency compensation. The true differential input, with a wide input-voltage range and outstanding common-
mode rejection, provides maximum flexibility and performance in high-noise environments and in noninverting
applications. Low bias currents and extremely high input impedances are maintained over the entire temperature
range.
These devices are characterized for operation from 0°C to 70°C.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Offset-Voltage Null Capability
The input offset voltage of operational amplifiers (op amps) arises from unavoidable mismatches in the
differential input stage of the op-amp circuit caused by mismatched transistor pairs, collector currents, current-
gain betas (
β), collector or emitter resistors, et cetera. The input offset pins allow the designer to adjust for these
mismatches by external circuitry. See the Application and Implementation section for more details on design
techniques.
9.3.2 Slew Rate
The slew rate is the rate at which an operational amplifier can change its output when there is a change on the
input. The OP07 has a 0.3-V/
μs slew rate.
9.4 Device Functional Modes
The OP07 is powered on when the supply is connected. It can be operated as a single supply operational
amplifier or dual supply amplifier depending on the application.
Copyright © 1983–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OP07C OP07D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com