Electronic Components Datasheet Search
  English  ▼

X  

OP07C Datasheet(PDF) 1 Page - Texas Instruments

Part # OP07C
Description  OP07x Precision Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07C Datasheet(HTML) 1 Page - Texas Instruments

  OP07C_V01 Datasheet HTML 1Page - Texas Instruments OP07C_V01 Datasheet HTML 2Page - Texas Instruments OP07C_V01 Datasheet HTML 3Page - Texas Instruments OP07C_V01 Datasheet HTML 4Page - Texas Instruments OP07C_V01 Datasheet HTML 5Page - Texas Instruments OP07C_V01 Datasheet HTML 6Page - Texas Instruments OP07C_V01 Datasheet HTML 7Page - Texas Instruments OP07C_V01 Datasheet HTML 8Page - Texas Instruments OP07C_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
OUT
−
+
OFFSET N2
IN−
IN+
OFFSET N1
1
3
2
8
6
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OP07C, OP07D
SLOS099G – OCTOBER 1983 – REVISED NOVEMBER 2014
OP07x Precision Operational Amplifiers
1 Features
3 Description
These devices offer low offset and long-term stability
1
•
Low Noise
by
means
of
a
low-noise,
chopperless,
•
No External Components Required
bipolar-input-transistor amplifier circuit. For most
•
Replace Chopper Amplifiers at a Lower Cost
applications, external components are not required
for offset nulling and frequency compensation. The
•
Wide Input-Voltage Range: 0 to ±14 V (Typ)
true differential input, with a wide input-voltage range
•
Wide Supply-Voltage Range: ±3 V to ±18 V
and outstanding common-mode rejection, provides
maximum flexibility and performance in high-noise
2 Applications
environments and in noninverting applications. Low
bias currents and extremely high input impedances
•
Wireless Base Station Control Circuits
are maintained over the entire temperature range.
•
Optical Network Control Circuits
•
Instrumentation
Device Information(1)
•
Sensors and Controls
PART NUMBER
PACKAGE (PIN)
BODY SIZE
•
Precision Filters
SO (8)
6.20 mm × 5.30 mm
OP07x
SOIC (8)
4.90 mm × 3.91 mm
PDIP (8)
9.81 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OP07C_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
OP07CCSA MAXIM-OP07CCSA Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
Texas Instruments
OP07CD TI-OP07CD Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
OP07CD TI-OP07CD Datasheet
264Kb / 11P
PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CD TGS-OP07CD Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CD TGS-OP07CD Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - OP07C_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
Precision Operational Amplifiers
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
PRECISION OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP193FSZ AD-OP193FSZ Datasheet
380Kb / 20P
Precision, Micropower Operational Amplifiers
REV. C
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI1-OP07C Datasheet
927Kb / 21P
Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com