Electronic Components Datasheet Search
  English  ▼

X  

OP07C Datasheet(PDF) 8 Page - Texas Instruments

Part # OP07C
Description  OP07x Precision Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07C Datasheet(HTML) 8 Page - Texas Instruments

Back Button OP07C_V01 Datasheet HTML 4Page - Texas Instruments OP07C_V01 Datasheet HTML 5Page - Texas Instruments OP07C_V01 Datasheet HTML 6Page - Texas Instruments OP07C_V01 Datasheet HTML 7Page - Texas Instruments OP07C_V01 Datasheet HTML 8Page - Texas Instruments OP07C_V01 Datasheet HTML 9Page - Texas Instruments OP07C_V01 Datasheet HTML 10Page - Texas Instruments OP07C_V01 Datasheet HTML 11Page - Texas Instruments OP07C_V01 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
12 V
+
VIN
VOUT
10 k
OUT
VCC
VCC+
IN−
IN+
+
−
OFFSET N1
3
2
4
7
6
20 k
Ω
N2
OFFSET
8
1
–
OP07C, OP07D
SLOS099G – OCTOBER 1983 – REVISED NOVEMBER 2014
www.ti.com
10 Application and Implementation
10.1 General Application
The input offset voltage of operational amplifiers (op amps) arises from unavoidable mismatches in the
differential input stage of the op-amp circuit caused by mismatched transistor pairs, collector currents, current-
gain betas (
β), collector or emitter resistors, etc. The input offset pins allow the designer to adjust for these
mismatches by external circuitry. These input mismatches can be adjusted by putting resistors or a potentiometer
between the inputs as shown in Figure 2. A potentiometer can be used to fine tune the circuit during testing or for
applications which require precision offset control. More information about designing using the input-offset pins,
see Nulling Input Offset Voltage of Operational Amplifiers (SLOA045).
Figure 2. Input Offset-Voltage Null Circuit
10.2 Typical Application
The voltage follower configuration of the operational amplifier is used for applications where a weak signal is
used to drive a relatively high current load. This circuit is also called a buffer amplifier or unity gain amplifier. The
inputs of an operational amplifier have a very high resistance which puts a negligible current load on the voltage
source. The output resistance of the operational amplifier is almost negligible, so it can provide as much current
as necessary to the output load.
Figure 3. Voltage Follower Schematic
8
Submit Documentation Feedback
Copyright © 1983–2014, Texas Instruments Incorporated
Product Folder Links: OP07C OP07D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com