Electronic Components Datasheet Search
  English  ▼

X  

OP07C Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OP07C
Description  OP07x Precision Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07C Datasheet(HTML) 9 Page - Texas Instruments

Back Button OP07C Datasheet HTML 5Page - Texas Instruments OP07C Datasheet HTML 6Page - Texas Instruments OP07C Datasheet HTML 7Page - Texas Instruments OP07C Datasheet HTML 8Page - Texas Instruments OP07C Datasheet HTML 9Page - Texas Instruments OP07C Datasheet HTML 10Page - Texas Instruments OP07C Datasheet HTML 11Page - Texas Instruments OP07C Datasheet HTML 12Page - Texas Instruments OP07C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
VIN (V)
C003
0
2
4
6
8
10
12
0
2
4
6
8
10
12
VIN (V)
C001
±0.3
±0.2
±0.1
0.0
0.1
0.2
0.3
0.4
0
2
4
6
8
10
12
VIN (V)
C002
OP07C, OP07D
www.ti.com
SLOS099G – OCTOBER 1983 – REVISED NOVEMBER 2014
Typical Application (continued)
10.2.1 Design Requirements
•
Output range of 2 V to 11 V
•
Input range of 2 V to 11 V
10.2.2 Detailed Design Procedure
10.2.2.1 Output Voltage Swing
The output voltage of an operational amplifier is limited by its internal circuitry to some level below the supply
rails. For this amplifier, the output voltage swing is within ±12 V, which accommodates the input and output
voltage requirements.
10.2.2.2 Supply and Input Voltage
For correct operation of the amplifier, neither input must be higher than the recommended positive supply rail
voltage or lower than the recommended negative supply rail voltage. The chosen amplifier must be able to
operate at the supply voltage that accommodates the inputs. Because the input for this application goes up to
11 V, the supply voltage must be 12 V. Using a negative voltage on the lower rail, rather than ground, allows the
amplifier to maintain linearity for inputs below 2 V.
10.2.3 Application Curves for Output Characteristics
Figure 4. Output Voltage vs Input Voltage
Figure 5. Current Drawn by the Input of the Voltage
Follower (IIO) vs the Input Voltage
Figure 6. Current Drawn from Supply (ICC) vs the Input Voltage
Copyright © 1983–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OP07C OP07D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com