Electronic Components Datasheet Search
  English  ▼

X  

OP07C Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OP07C
Description  OP07x Precision Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07C Datasheet(HTML) 10 Page - Texas Instruments

Back Button OP07C Datasheet HTML 6Page - Texas Instruments OP07C Datasheet HTML 7Page - Texas Instruments OP07C Datasheet HTML 8Page - Texas Instruments OP07C Datasheet HTML 9Page - Texas Instruments OP07C Datasheet HTML 10Page - Texas Instruments OP07C Datasheet HTML 11Page - Texas Instruments OP07C Datasheet HTML 12Page - Texas Instruments OP07C Datasheet HTML 13Page - Texas Instruments OP07C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
OP07C, OP07D
SLOS099G – OCTOBER 1983 – REVISED NOVEMBER 2014
www.ti.com
11 Power Supply Recommendations
The OP07 is specified for operation from ±3 to ±18 V; many specifications apply from 0°C to 70°C.
CAUTION
Supply voltages larger than ±22 V can permanently damage the device (see the
Absolute Maximum Ratings).
Place 0.1-
μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high
impedance power supplies. For more detailed information on bypass capacitor placement, refer to the Layout
Guidelines.
10
Submit Documentation Feedback
Copyright © 1983–2014, Texas Instruments Incorporated
Product Folder Links: OP07C OP07D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com