Electronic Components Datasheet Search
  English  ▼

X  

OP07C Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OP07C
Description  OP07x Precision Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07C Datasheet(HTML) 3 Page - Texas Instruments

  OP07C Datasheet HTML 1Page - Texas Instruments OP07C Datasheet HTML 2Page - Texas Instruments OP07C Datasheet HTML 3Page - Texas Instruments OP07C Datasheet HTML 4Page - Texas Instruments OP07C Datasheet HTML 5Page - Texas Instruments OP07C Datasheet HTML 6Page - Texas Instruments OP07C Datasheet HTML 7Page - Texas Instruments OP07C Datasheet HTML 8Page - Texas Instruments OP07C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
4
8
7
6
5
OFFSET N1
IN−
IN+
VCC−
OFFSET N2
VCC+
OUT
NC
D OR P PACKAGE
(TOP VIEW)
NC − No internal connection
OP07C, OP07D
www.ti.com
SLOS099G – OCTOBER 1983 – REVISED NOVEMBER 2014
6 Pin Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
IN+
3
I
Noninverting input
IN–
2
I
Inverting input
NC
5
—
Do not connect
OFFSET N1
1
I
External input offset voltage adjustment
OFFSET N2
8
I
External input offset voltage adjustment
OUT
6
O
Output
VCC+
7
—
Positive supply
VCC–
4
—
Negative supply
Copyright © 1983–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OP07C OP07D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com