Electronic Components Datasheet Search
  English  ▼

X  

OPA607IDBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607IDBVR
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607IDBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA607IDBVR Datasheet HTML 9Page - Texas Instruments OPA607IDBVR Datasheet HTML 10Page - Texas Instruments OPA607IDBVR Datasheet HTML 11Page - Texas Instruments OPA607IDBVR Datasheet HTML 12Page - Texas Instruments OPA607IDBVR Datasheet HTML 13Page - Texas Instruments OPA607IDBVR Datasheet HTML 14Page - Texas Instruments OPA607IDBVR Datasheet HTML 15Page - Texas Instruments OPA607IDBVR Datasheet HTML 16Page - Texas Instruments OPA607IDBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Input Common Mode Voltage (V)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
2
4
6
8
2
4
6
8
D028
VS = ±2.75 V
Figure 7-25. Input Offset vs Common Mode Voltage
VS (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
D029
32 Units
Figure 7-26. Input Offset vs Supply
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
90
93
96
99
102
105
108
111
114
117
120
D100
VCM = (VS-) to (VS+
1.1)
VCM = (VS- + 0.25) to (VS+
1.1)
VCM = (VS-
0.1) to (VS+
1.1)
Figure 7-27. Common Mode Rejection Ratio vs
Temperature
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
100
90
80
70
60
50
40
D021
Figure 7-28. Short-Circuit Current vs Temperature
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-50
0
50
100
150
200
250
300
350
400
D030
IB+
IB-
IOS
Figure 7-29. Input Bias and Offset Current vs
Temperature
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
500
550
600
650
700
750
800
850
900
950
1000
D031
VS = 2.2 V
VS = 5.5 V
Figure 7-30. Quiescent Current vs Temperature
www.ti.com
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com