Electronic Components Datasheet Search
  English  ▼

X  

OPA607IDBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607IDBVR
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607IDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA607IDBVR Datasheet HTML 17Page - Texas Instruments OPA607IDBVR Datasheet HTML 18Page - Texas Instruments OPA607IDBVR Datasheet HTML 19Page - Texas Instruments OPA607IDBVR Datasheet HTML 20Page - Texas Instruments OPA607IDBVR Datasheet HTML 21Page - Texas Instruments OPA607IDBVR Datasheet HTML 22Page - Texas Instruments OPA607IDBVR Datasheet HTML 23Page - Texas Instruments OPA607IDBVR Datasheet HTML 24Page - Texas Instruments OPA607IDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
9.2.1.2 Detailed Design Procedure
Designs that require high bandwidth from a large area detector with relatively high transimpedance-gain benefit
from the low input voltage noise of the OPAx607 devices. Use the Excel™ calculator available at What You Need
To Know About Transimpedance Amplifiers – Part 1 to help with the component selection based on total input
capacitance and CTOT. CTOT is referred as CIN in the calculator. CTOT is the sum of CD, CDIFF, and CCM which is
20 pF. Using this value of CTOT, and the targeted closed-loop bandwidth (f–3dB) of 2 MHz and transimpedance
gain of 100 kΩ results in amplifier GBW of approximately 50 MHz and a feedback capacitance (CF) of 1.1 pF as
shown in Figure 9-2. These results are for a Butterworth response with a Q = 0.707 and a phase margin of
approximately 65° which corresponds to 4.3% overshoot.
Closed-loop TIA Bandwidth (f-3dB)
2.00
MHz
Feedback Resistance (RF)
100.00
kOhm
Input Capacitance (CIN)
20.00
pF
Opamp Gain Bandwidth Product (GBP)
50.27
MHz
Feedback Capacitance (CF)
1.110
pF
Calculator II
Figure 9-2. Results of Inputting Design Parameters in the TIA Calculator
The OPA607's 50 MHz GBW, is suitable for the above design requirements. If the required feedback
capacitance CF comes out to be a very low value capacitor to be practically achievable, please refer to Section
9.2.1.2 for guidelines in designing a T-Network capacitor circuit. A very low capacitor value (CEQ) can be
achieved between Port1 and Port2 using standard value capacitors in a T-Network circuit as shown in Figure 9-3.
1
2
EQ
1
2
T
C
C
C
C
C
C
u
(1)
C
1
C
2
C
T
GND
Port
1
Port
2
Figure 9-3. T-Network
9.2.1.3 Application Curves
Frequency (Hz)
0
-400
10
-360
20
-320
30
-280
40
-240
50
-200
60
-160
70
-120
80
-80
90
-40
100
0
110
40
120
80
1
10
100
1k
10k
100k
1M
10M
100M
TIA_
Gain (dB)
Phase (q)
Figure 9-4. Simulated Closed-Loop Bandwidth of
TIA
Time (50 Psec/Div)
0
1
2
3
4
5
6
OPA6
VOUT
IPD
Figure 9-5. Simulated Time Domain Response
www.ti.com
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com