Electronic Components Datasheet Search
  English  ▼

X  

OPA607IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607IDBVR
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  OPA607IDBVR Datasheet HTML 1Page - Texas Instruments OPA607IDBVR Datasheet HTML 2Page - Texas Instruments OPA607IDBVR Datasheet HTML 3Page - Texas Instruments OPA607IDBVR Datasheet HTML 4Page - Texas Instruments OPA607IDBVR Datasheet HTML 5Page - Texas Instruments OPA607IDBVR Datasheet HTML 6Page - Texas Instruments OPA607IDBVR Datasheet HTML 7Page - Texas Instruments OPA607IDBVR Datasheet HTML 8Page - Texas Instruments OPA607IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison......................................................... 3
6 Pin Configuration and Functions...................................4
Pin Functions - Single Channel.........................................4
Pin Functions - Dual Channel........................................... 5
7 Specifications.................................................................. 6
7.1 Absolute Maximum Ratings ....................................... 6
7.2 ESD Ratings .............................................................. 6
7.3 Recommended Operating Conditions ........................6
7.4 Thermal Information ...................................................6
7.5 Electrical Characteristics ............................................7
7.6 Typical Characteristics................................................ 9
8 Detailed Description......................................................15
8.1 Overview................................................................... 15
8.2 Functional Block Diagram......................................... 15
8.3 Feature Description...................................................16
8.4 Device Functional Modes..........................................19
9 Application and Implementation.................................. 20
9.1 Application Information............................................. 20
9.2 Typical Applications.................................................. 20
10 Power Supply Recommendations..............................27
11 Layout........................................................................... 28
11.1 Layout Guidelines................................................... 28
11.2 Layout Examples.....................................................28
12 Device and Documentation Support..........................29
12.1 Device Support....................................................... 29
12.2 Documentation Support.......................................... 29
12.3 Related Links.......................................................... 29
12.4 Receiving Notification of Documentation Updates..29
12.5 Support Resources................................................. 29
12.6 Trademarks.............................................................29
12.7 Electrostatic Discharge Caution..............................29
12.8 Glossary..................................................................29
13 Mechanical, Packaging, and Orderable
Information.................................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (August 2020) to Revision F (September 2020)
Page
• Deleted blank CMRR specifications from Electrical Characteristics table.......................................................... 7
Changes from Revision D (May 2020) to Revision E (August 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Changed status of OPA2607 SOIC (8) package From: Preview To: Active .......................................................1
Changes from Revision C (April 2020) to Revision D (May 2020)
Page
• Changed status From: Advanced Information To: Production Data ...................................................................1
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com