Electronic Components Datasheet Search
  English  ▼

X  

PMS132 Datasheet(PDF) 60 Page - PADAUK Technology.

Part # PMS132
Description  8bit OTP MCU with 12-bit ADC
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS132 Datasheet(HTML) 60 Page - PADAUK Technology.

Back Button PMS132 Datasheet HTML 56Page - PADAUK Technology. PMS132 Datasheet HTML 57Page - PADAUK Technology. PMS132 Datasheet HTML 58Page - PADAUK Technology. PMS132 Datasheet HTML 59Page - PADAUK Technology. PMS132 Datasheet HTML 60Page - PADAUK Technology. PMS132 Datasheet HTML 61Page - PADAUK Technology. PMS132 Datasheet HTML 62Page - PADAUK Technology. PMS132 Datasheet HTML 63Page - PADAUK Technology. PMS132 Datasheet HTML 64Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
PMS132/PMS132B
8bit OTP MCU with 12-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 60 of 100
PDK-DS-PMS132(B)-EN_V104 – Jun. 2, 2020
Fig.19: Hardware diagram of IO buffer
Other than PA5, all the IO pins have the same structure; PA5 can be open-drain ONLY when setting to output
mode (without Q1). The corresponding bits in registers padier / pbdier should be set to low to prevent leakage
current for those pins are selected to be analog function. When PMS132/PMS132B is put in power-down or
power-save mode, every pin can be used to wake-up system by toggling its state. Therefore, those pins
needed to wake-up system must be set to input mode and set the corresponding bits of registers padier and
pbdier to high. The same reason, padier.0 should be set high when PA0 is used as external interrupt pin,
pbdier.0 for PB0, padier.4 for PA4 and pbdier.5 for PB5.
5.13 Reset and LVR
5.13.1 Reset
There are many causes to reset the PMS132/PMS132B, once reset is asserted, most of all the registers in
PMS132/PMS132B will be set to default values, system should be restarted once abnormal cases happen,
or by jumping program counter to address 0x0. The data memory is in uncertain state when reset comes
from power-up and LVR; however, the content will be kept when reset comes from PRSTB pin or WDT
timeout.
5.13.2 LVR reset
By code option, there are many different levels of LVR for reset; usually, user selects LVR reset level to be
in conjunction with operating frequency and supply voltage.
D
Q
(weak P -MOS)
PAD
WR pull-high latch
WR data latch
WR control latch
RD pull-high latch
RD control latch
RD Port
D
Q
D
Q
M
U
X
pull-high
latch
Data
latch
Control
latch
Data Bus
Q1
Analog Module
padier.x or pbdier.x
Wakeup module
Interrupt module
(PA0,PB5,PB0,PA4)
D
-
-
-
D
Q
D
Q
-
Q1
D
Q
(weak P -MOS)
PAD
WR pull-high latch
WR data latch
WR control latch
RD pull-high latch
RD control latch
RD Port
D
Q
D
Q
M
U
X
pull-high
latch
Data
latch
Control
latch
Data Bus
Q1
Analog Module
padier.x or pbdier.x
Wakeup module
Interrupt module
(PA0,PB5,PB0,PA4)
D
-
-
-
D
Q
D
Q
-
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com