Electronic Components Datasheet Search
  English  ▼

X  

PMS132 Datasheet(PDF) 37 Page - PADAUK Technology.

Part # PMS132
Description  8bit OTP MCU with 12-bit ADC
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS132 Datasheet(HTML) 37 Page - PADAUK Technology.

Back Button PMS132 Datasheet HTML 33Page - PADAUK Technology. PMS132 Datasheet HTML 34Page - PADAUK Technology. PMS132 Datasheet HTML 35Page - PADAUK Technology. PMS132 Datasheet HTML 36Page - PADAUK Technology. PMS132 Datasheet HTML 37Page - PADAUK Technology. PMS132 Datasheet HTML 38Page - PADAUK Technology. PMS132 Datasheet HTML 39Page - PADAUK Technology. PMS132 Datasheet HTML 40Page - PADAUK Technology. PMS132 Datasheet HTML 41Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
PMS132/PMS132B
8bit OTP MCU with 12-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 37 of 100
PDK-DS-PMS132(B)-EN_V104 – Jun. 2, 2020
5.5. Comparator
One hardware comparator is built inside the PMS132/PMS132B; Fig.4 shows its hardware diagram. It can
compare signals between two pins or with either internal reference voltage Vinternal R or internal band-gap
reference voltage. The two signals to be compared, one is the plus input and the other one is the minus input.
For the minus input of comparator can be PA3, PA4, Internal band-gap 1.20 volt, PB6, PB7 or Vinternal R selected
by bit [3:1] of gpcc register, and the plus input of comparator can be PA4 or Vinternal R selected by bit 0 of gpcc
register.
The comparator result can be selected through gpcs.7 to forcibly output to PA0 whatever input or output state.
It can be a direct output or sampled by Timer2 clock (TM2_CLK) which comes from Timer2 module. The output
polarity can be also inverted by setting gpcc.4 register, the comparator output can be used to request interrupt
service or read through gpcc.6.
Fig.4: Hardware diagram of comparator
gpcs.5=1
gpcs.5=0
gpcs.4=0
gpcs.4=1
8R
R
R
R
R
16 stages
VDD
8R
8R
MUX
gpcs[3:0]
000
001
M
010
U
011
X
100
101
0
M
UX
1
+
-
D
F
F
M
U
X
Timer 2
clock
TM2_CLK
X
O
R
gpcc.4
gpcc.5
gpcs.7
To
PA0
gpcc.6
gpcc[3:1]
PA3/CIN0-
PA4/CIN1-
Band-gap
PB6/CIN4-
PB7/CIN5-
PA4/CIN+
gpcc.0
Vinternal R
To request interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com