Electronic Components Datasheet Search
  English  ▼

X  

TLC555CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CD
Description  TLC555 LinCMOS??Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555CD Datasheet(HTML) 4 Page - Texas Instruments

  TLC555CD Datasheet HTML 1Page - Texas Instruments TLC555CD Datasheet HTML 2Page - Texas Instruments TLC555CD Datasheet HTML 3Page - Texas Instruments TLC555CD Datasheet HTML 4Page - Texas Instruments TLC555CD Datasheet HTML 5Page - Texas Instruments TLC555CD Datasheet HTML 6Page - Texas Instruments TLC555CD Datasheet HTML 7Page - Texas Instruments TLC555CD Datasheet HTML 8Page - Texas Instruments TLC555CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
GND
TRIG
DISCH
THRES
CONT
OUT
RESET
1
2
3
4
8
7
6
5
V
DD
4
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, P, PS, and JG Packages
8-Pin SOIC, PDIP, SOP, CDIP
Top View
Pin Functions: D, P, PS, and JG Packages
PIN
I/O
DESCRIPTION
NAME
SOIC, PDIP,
SOP, CDIP
CONT
5
I
Controls comparator thresholds. Outputs 2/3 VDD and allows bypass capacitor connection.
DISCH
7
O
Open collector output to discharge timing capacitor.
GND
1
—
Ground.
NC
—
—
No internal connection.
OUT
3
O
High current timer output signal.
RESET
4
I
Active low reset input forces output and discharge low.
THRES
6
I
End of timing input. THRES > CONT sets output low and discharge low.
TRIG
2
I
Start of timing input. TRIG < 1/2 CONT sets output high and discharge open.
VDD
8
—
Power-supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com