Electronic Components Datasheet Search
  English  ▼

X  

TLC555CD Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CD
Description  TLC555 LinCMOS??Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555CD Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC555CD Datasheet HTML 19Page - Texas Instruments TLC555CD Datasheet HTML 20Page - Texas Instruments TLC555CD Datasheet HTML 21Page - Texas Instruments TLC555CD Datasheet HTML 22Page - Texas Instruments TLC555CD Datasheet HTML 23Page - Texas Instruments TLC555CD Datasheet HTML 24Page - Texas Instruments TLC555CD Datasheet HTML 25Page - Texas Instruments TLC555CD Datasheet HTML 26Page - Texas Instruments TLC555CD Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Control Voltage (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.5
1
1.5
2
2.5
3
3.5
4
D013
Control Voltage (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
D014
Modulation
Input
(see Note A)
CONT
TRIG
RESET
VDD
OUT
DISCH
VDD (5 V to 15 V)
C
GND
THRES
4
8
3
7
6
2
5
Output
RA
RB
23
TLC555
www.ti.com
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
Typical Applications (continued)
A.
The modulating signal can be direct or capacitively coupled to CONT. For direct coupling, consider the effects of
modulation source voltage and impedance on the bias of the timer.
RA = 3 kΩ
RB = 309 kΩ
C = 1 nF
Figure 22. Circuit for Pulse-Position Modulation
8.2.3.1 Design Requirements
Both DC- and AC-coupled modulation input changes the upper and lower voltage thresholds for the timing
capacitor. Both frequency and duty cycle vary with the modulation voltage. Control voltage below 1 V could result
in output glitches instead of a steady output pulse stream
8.2.3.2 Detailed Design Procedure
The nominal output frequency and duty cycle for control voltage set to 2/3 of VDD can be determined using
formulas in Astable Operation section.
8.2.3.3 Application Curves
Figure 23. Pulse-Position-Modulation Frequency
vs Control Voltage, VDD = 5 V
Figure 24. Pulse-Position-Modulation Duty Cycle
vs Control Voltage, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com