Electronic Components Datasheet Search
  English  ▼

X  

TLC555CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CD
Description  TLC555 LinCMOS??Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555CD Datasheet(HTML) 1 Page - Texas Instruments

  TLC555CD Datasheet HTML 1Page - Texas Instruments TLC555CD Datasheet HTML 2Page - Texas Instruments TLC555CD Datasheet HTML 3Page - Texas Instruments TLC555CD Datasheet HTML 4Page - Texas Instruments TLC555CD Datasheet HTML 5Page - Texas Instruments TLC555CD Datasheet HTML 6Page - Texas Instruments TLC555CD Datasheet HTML 7Page - Texas Instruments TLC555CD Datasheet HTML 8Page - Texas Instruments TLC555CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
R1
R
S
1
THRES
R
R
R
TRIG
2
1
GND
DISCH
7
3
OUT
6
VDD
8
5
CONT
RESET
4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
TLC555 LinCMOS™ Timer
1
1 Features
1
•
Very low power consumption:
–
1-mW typical at VDD = 5 V
•
Capable of operation in astable mode
•
CMOS output capable of swinging rail to rail
•
High output current capability
–
Sink: 100-mA typical
–
Source: 10-mA typical
•
Output fully compatible with CMOS, TTL, and
MOS
•
Low supply current reduces spikes during output
transitions
•
Single-supply operation from 2 V to 15 V
•
Functionally interchangeable with the NE555; has
same pinout
•
ESD protection exceeds 2000 V per MIL-STD-
883C, method 3015.2
•
Available in Q-temp automotive
–
High-reliability automotive applications
–
Configuration control and print support
–
Qualification to automotive standards
2 Applications
•
Precision timing
•
Pulse generation
•
Sequential timing
•
Time delay generation
•
Pulse width modulation
•
Pulse position modulation
•
Linear ramp generator
3 Description
The TLC555 is a monolithic timing circuit fabricated
using the TI LinCMOS™ process. The timer is fully
compatible with CMOS, TTL, and MOS logic and
operates at frequencies up to 2 MHz. Because of its
high input impedance, this device supports smaller
timing capacitors than those supported by the NE555
or LM555. As a result, more accurate time delays and
oscillations are possible. Power consumption is low
across the full range of power-supply voltage.
Like the NE555, the TLC555 has a trigger level equal
to approximately one-third of the supply voltage and a
threshold level equal to approximately two-thirds of
the supply voltage. These levels can be altered by
use of the control voltage terminal (CONT). When the
trigger input (TRIG) falls below the trigger level, the
flip-flop is set and the output goes high. If TRIG is
above the trigger level and the threshold input
(THRES) is above the threshold level, the flip-flop is
reset and the output is low. The reset input (RESET)
can override all other inputs and can be used to
initiate a new timing cycle. If RESET is low, the flip-
flop is reset and the output is low. Whenever the
output is low, a low-impedance path is provided
between the discharge terminal (DISCH) and GND.
All unused inputs must be tied to an appropriate logic
level to prevent false triggering.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLC555C
SOIC (8)
4.90 mm × 3.91 mm
PDIP (8)
9.81 mm × 6.38 mm
SOP (8)
6.20 mm × 5.30 mm
TSSOP (14)
5.00 mm × 4.40 mm
TLC555I
SOIC (8)
4.90 mm × 3.91 mm
PDIP (8)
9.81 mm × 6.38 mm
TLC555M
LCCC (20)
8.89 mm × 8.89 mm
CDIP (8)
9.60 mm × 6.67 mm
TLC555Q
SOIC (8)
4.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TLC555CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555CD TI-TLC555CD Datasheet
404Kb / 19P
LinCMOSE TIMERS
TLC555CD TI1-TLC555CD Datasheet
1Mb / 25P
LinCMOSE TIMERS
TLC555CD TI1-TLC555CD Datasheet
992Kb / 42P
TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC555CDB TI-TLC555CDB Datasheet
404Kb / 19P
LinCMOSE TIMERS
TLC555CDB TI1-TLC555CDB Datasheet
1Mb / 25P
LinCMOSE TIMERS
More results

Similar Description - TLC555CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555-Q1 TI-TLC555-Q1 Datasheet
195Kb / 13P
LinCMOS??TIMER
TLC374 TI-TLC374 Datasheet
771Kb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC555-DIE TI1-TLC555-DIE Datasheet
71Kb / 5P
LinCMOS??TIMER
TLC352CDRG4 TI1-TLC352CDRG4 Datasheet
864Kb / 16P
LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
LinCMOS??DUAL DIFFERENTIAL COMPARATORS
TLC555-Q1 TI1-TLC555-Q1 Datasheet
475Kb / 25P
LinCMOS TIMER
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC555 TI1-TLC555_V02 Datasheet
992Kb / 42P
TLC555 LinCMOS™ Timer
REVISED JULY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com