Electronic Components Datasheet Search
  English  ▼

X  

TXB0108 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0108
Description  TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0108 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TXB0108 Datasheet HTML 33Page - Texas Instruments TXB0108 Datasheet HTML 34Page - Texas Instruments TXB0108 Datasheet HTML 35Page - Texas Instruments TXB0108 Datasheet HTML 36Page - Texas Instruments TXB0108 Datasheet HTML 37Page - Texas Instruments TXB0108 Datasheet HTML 38Page - Texas Instruments TXB0108 Datasheet HTML 39Page - Texas Instruments TXB0108 Datasheet HTML 40Page - Texas Instruments TXB0108 Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints. Refer to Texas Instruments
Literature number SNVA009 (www.ti.com/lit/snva009).
EXAMPLE BOARD LAYOUT
4224888/B 08/2019
www.ti.com
NFBGA - 0.8 mm max height
NME0020A
PLASTIC BALL GRID ARRAY
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE: 20X
(0.5) TYP
(0.5) TYP
20X (Ø0.25)
SOLDER MASK DETAILS
NOT TO SCALE
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
EXPOSED
METAL
SOLDER MASK
OPENING
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
(Ø 0.25)
METAL
EXPOSED
METAL
METAL UNDER
SOLDER MASK
(Ø 0.25)
SOLDER MASK
OPENING
A
B
C
D
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com