Electronic Components Datasheet Search
  English  ▼

X  

TXB0108 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0108
Description  TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0108 Datasheet(HTML) 3 Page - Texas Instruments

  TXB0108 Datasheet HTML 1Page - Texas Instruments TXB0108 Datasheet HTML 2Page - Texas Instruments TXB0108 Datasheet HTML 3Page - Texas Instruments TXB0108 Datasheet HTML 4Page - Texas Instruments TXB0108 Datasheet HTML 5Page - Texas Instruments TXB0108 Datasheet HTML 6Page - Texas Instruments TXB0108 Datasheet HTML 7Page - Texas Instruments TXB0108 Datasheet HTML 8Page - Texas Instruments TXB0108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
5 Pin Configuration and Functions
20
19
16
15
14
13
1
2
5
6
7
8
PW PACKAGE
(TOP VIEW)
18
17
12
11
3
4
9
10
RGY PACKAGE
(TOP VIEW)
YZP PACKAGE
(BALL SIDE VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
V
CCB
B2
B3
B4
B5
B6
B7
B8
V
CCA
A2
A3
A4
A5
A6
A7
A8
V
CCB
B2
B3
B4
B5
B6
B7
B8
GND
V
CCA
A1
A2
A3
A4
A5
A6
A7
A8
OE
B1
B1
B2
B3
B4
A2
A3
A4
1
2
3
4
20
19
18
17
V
CCB
GND
B5
B6
OE
A5
A6
5
6
7
8
16
15
14
13
B7
B8
A7
A8
9
10
12
11
A1
V
CCA
DQS PACKAGE
(TOP VIEW)
B6
B8
A8
A6
GND
B7
A7
OE
V
CCB
B5
A5
V
CCA
B4
B3
A3
A4
B2
B1
A1
A2
1
2
3
4
E
D
C
B
A
A. For the RGY package, the exposed center thermal pad must be connected to ground.
B. Pullup resistors are not required on both sides for Logic I/O.
C. If pullup or pulldown resistors are needed, the resistor value must be over 50 kΩ.
D. 50 kΩ is a safe recommended value, if the customer can accept higher VOL or lower VOH, smaller pullup or pulldown resistor is allowed,
the draft estimation is VOL = VCCOUT × 4.5 k/(4.5 k + RPU) and VOH = VCCOUT × RDW/(4.5 k + RDW).
E. If pullup resistors are needed, please refer to the TXS0108 or contact TI.
F. For detailed information, please refer to application note SCEA043.
(1)
See orderable addendum at the end of the data sheet
(BALL SIDE VIEW)
B6
B8
A8
A6
GND
B7
A7
OE
V
CCB
B5
A5
V
CCA
B4
B3
A3
A4
B2
B1
A1
A2
1
2
3
4
E
D
C
B
A
Pin A1- area
indicator
YZPR2 PACKAGE
(1)
A
B
C
D
2
1
3
4
5
Figure 5-1. NME/GXY/ZXY PACKAGE (BOTTOM VIEW)
www.ti.com
TXB0108
SCES643H – NOVEMBER 2006 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com