Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9261 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT91SAM9261
Description  ARM926EJ-S BASED MICROCONTROLLER
PDF  688 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 59Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 60Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 61Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 62Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 63Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 64Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 65Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 66Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 688 page
background image
63
6062F–ATARM–05-Dec-06
AT91SAM9261 Preliminary
12.3.2
Test Environment
Figure 12-3 on page 63 shows a test environment example. Test vectors are sent and inter-
preted by the tester. In this example, the “board in test” is designed using a number of JTAG-
compliant devices. These devices can be connected to form a single scan chain.
Figure 12-3. Application Test Environment Example
12.4
Debug and Test Pin Description
Tester
JTAG
Interface
ICE/JTAG
Connector
AT91SAM9261-based Application Board In Test
AT91SAM9261
Test Adaptor
Chip 2
Chip n
Chip 1
Table 12-1.
Debug and Test Pin List
Pin Name
Function
Type
Active Level
Reset/Test
NRST
Microcontroller Reset
Input/Output
Low
TST
Test Mode Select
Input
High
ICE and JTAG
TCK
Test Clock
Input
TDI
Test Data In
Input
TDO
Test Data Out
Output
TMS
Test Mode Select
Input
NTRST
Test Reset Signal
Input
Low
RTCK
Returned Test Clock
Output
JTAGSEL
JTAG Selection
Input
ETM
TSYNC
Trace Synchronization Signal
Output
TCLK
Trace Clock
Output
TPS0 - TPS2
Trace ARM Pipeline Status
Output
TPK0 - TPK15
Trace Packet Port
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com