Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9261 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT91SAM9261
Description  ARM926EJ-S BASED MICROCONTROLLER
PDF  688 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 48Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 49Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 50Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 51Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 52Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 53Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 54Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 55Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 688 page
background image
52
6062F–ATARM–05-Dec-06
AT91SAM9261 Preliminary
11.4
CP15 Coprocessor
Coprocessor 15, or System Control Coprocessor CP15, is used to configure and control all the
items in the list below:
• ARM9EJ-S
• Caches (ICache, DCache and write buffer)
•TCM
•MMU
• Other system options
To control these features, CP15 provides 16 additional registers. See Table 11-5.
Notes:
1. Register locations 0, 5 and 13 each provide access to more than one register. The register
accessed depends on the value of the opcode_2 field.
2. Register location 9 provides access to more than one register. The register accessed
depends on the value of the CRm field.
Table 11-5.
CP15 Registers
Register
Name
Read/Write
0
ID Code(1)
Read/Unpredictable
0
Cache type(1)
Read/Unpredictable
0
TCM status(1)
Read/Unpredictable
1
Control
Read/write
2
Translation Table Base
Read/write
3
Domain Access Control
Read/write
4
Reserved
None
5
Data fault Status(1)
Read/write
5
Instruction fault status(1)
Read/write
6
Fault Address
Read/write
7
Cache Operations
Read/Write
8
TLB operations
Unpredictable/Write
9
Cache lockdown(2)
Read/write
9
TCM region
Read/write
10
TLB lockdown
Read/write
11
Reserved
None
12
Reserved
None
13
FCSE PID(1)
Read/write
13
Context ID(1)
Read/Write
14
Reserved
None
15
Test configuration
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com